Electronic Components Datasheet Search
  English  ▼

X  

RT9166 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9166
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9166 Datasheet HTML 5Page - Richtek Technology Corporation RT9166 Datasheet HTML 6Page - Richtek Technology Corporation RT9166 Datasheet HTML 7Page - Richtek Technology Corporation RT9166 Datasheet HTML 8Page - Richtek Technology Corporation RT9166 Datasheet HTML 9Page - Richtek Technology Corporation RT9166 Datasheet HTML 10Page - Richtek Technology Corporation RT9166 Datasheet HTML 11Page - Richtek Technology Corporation RT9166 Datasheet HTML 12Page - Richtek Technology Corporation RT9166 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT9166/A
9
DS9166/A-19 April 2008
www.richtek.com
Ceramic :
For values of capacitance in the 10
μF to 100μF range,
ceramics are usually larger and more costly than tantalums
but give superior AC performance for by-passing high
frequency noise because of very low ESR (typically less
than 10m
Ω). However, some dielectric types do not have
good capacitance characteristics as a function of voltage
and temperature.
Z5U and Y5V dielectric ceramics have capacitance that
drops severely with applied voltage. A typical Z5U or Y5V
capacitor can lose 60% of its rated capacitance with half of
the rated voltage applied to it. The Z5U and Y5V also exhibit
a severe temperature effect, losing more than 50% of
nominal capacitance at high and low limits of the
temperature range.
X7R and X5R dielectric ceramic capacitors are strongly
recommended if ceramics are used, as they typically
maintain a capacitance range within
±20% of nominal over
full operating ratings of temperature and voltage. Of course,
they are typically larger and more costly than Z5U/Y5U
types for a given voltage and capacitance.
Tantalum :
Solid tantalum capacitors are recommended for use on
the output because their typical ESR is very close to the
ideal value required for loop compensation. They also work
well as input capacitors if selected to meet the ESR
requirements previously listed.
Tantalums also have good temperature stability: a good
quality tantalum will typically show a capacitance value
that varies less than 10~15% across the full temperature
range of 125
°C to -40°C. ESR will vary only about 2X going
from the high to low temperature limits.
The increasing ESR at lower temperatures can cause
oscillations when marginal quality capacitors are used (if
the ESR of the capacitor is near the upper limit of the
stability range at room temperature).
Aluminum :
This capacitor type offers the most capacitance for the
money. The disadvantages are that they are larger in
physical size, not widely available in surface mount, and
have poor AC performance (especially at higher
frequencies) due to higher ESR and ESL.
Compared by size, the ESR of an aluminum electrolytic is
higher than either Tantalum or ceramic, and it also varies
greatly with temperature. A typical aluminum electrolytic
can exhibit an ESR increase of as much as 50X when going
from 25
°C down to -40°C.
It should also be noted that many aluminum electrolytics
only specify impedance at a frequency of 120Hz, which
indicates they have poor high frequency performance. Only
aluminum electrolytics that have an impedance specified
at a higher frequency (between 20kHz and 100kHz) should
be used for the device. Derating must be applied to the
manufacturer's ESR specification, since it is typically only
valid at room temperature.
Any applications using aluminum electrolytics should be
thoroughly tested at the lowest ambient operating
temperature where ESR is maximum.
Thermal Considerations
Thermal protection limits power dissipation in RT9166/A.
When the operation junction temperature exceeds 170
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turn on again
after the junction temperature cools by 40
°C.
For continuous operation, do not exceed absolute
maximum operation junction temperature. The power
dissipation definition in device is :
PD = (VIN - VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD (MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
in aluminum electrolytic capacitors is so severe they may
not be feasible for some applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com