Electronic Components Datasheet Search
  English  ▼

X  

ADS5482 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5482
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5482 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5482 Datasheet HTML 18Page - Texas Instruments ADS5482 Datasheet HTML 19Page - Texas Instruments ADS5482 Datasheet HTML 20Page - Texas Instruments ADS5482 Datasheet HTML 21Page - Texas Instruments ADS5482 Datasheet HTML 22Page - Texas Instruments ADS5482 Datasheet HTML 23Page - Texas Instruments ADS5482 Datasheet HTML 24Page - Texas Instruments ADS5482 Datasheet HTML 25Page - Texas Instruments ADS5482 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Clock Amplitude − VPP
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
G055
fS = 135 MSPS
fIN = 100.33 MHz
fIN = 9.97 MHz
fIN = 30.13 MHz
fIN = 69.59 MHz
Clock Amplitude − VPP
60
62
64
66
68
70
72
74
76
78
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
G056
fS = 135 MSPS
fIN = 9.97 MHz
fIN = 30.13 MHz
fIN = 69.59 MHz
fIN = 100.33 MHz
CLKP
CLKM
ADS548x
0.1
F
m
Clock
Source
S0194-03
ADS5481
ADS5482, ADS5483
SLAS565 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
SFDR
SNR
vs
vs
CLOCK AMPLITUDE
CLOCK AMPLITUDE
Figure 41.
Figure 42.
For jitter-sensitive applications, the use of a differential clock has some advantages at the system level. The
differential clock allows for common-mode noise rejection at the printed circuit board (PCB) level. With a
differential clock, the signal-to-noise ratio of the ADC is better for jitter-sensitive, high-frequency applications
because the board level clock jitter is superior.
The sampling process will be more sensitive to jitter using high analog input frequencies or slow clock
frequencies. Large clock amplitude levels are recommended when possible to reduce the indecision (jitter) in the
ADC clock input buffer. Whenever possible, the ideal combination is a differential clock with large signal swing
(~1-3Vpp). Figure 43 demonstrates a recommended method for converting a single-ended clock source into a
differential clock; it is similar to the configuration found on the evaluation board and was used for much of the
characterization. See also Clocking High Speed Data Converters (SLYT075) for more details.
Figure 43. Differential Clock
The common-mode voltage of the clock inputs is set internally to ~2 V using internal 0.5-k
Ω resistors. It is
recommended to use ac coupling, but if this scheme is not possible, the ADS548x features good tolerance to
clock common-mode variation (as shown in Figure 44 and Figure 45). The internal ADC core uses both edges of
the clock for the conversion process. Ideally, a 50% duty-cycle clock signal should be provided. Performance
degradation as a result of duty cycle can be seen in Figure 46.
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com