Electronic Components Datasheet Search
  English  ▼

X  

ADS5482 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5482
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5482 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5482 Datasheet HTML 19Page - Texas Instruments ADS5482 Datasheet HTML 20Page - Texas Instruments ADS5482 Datasheet HTML 21Page - Texas Instruments ADS5482 Datasheet HTML 22Page - Texas Instruments ADS5482 Datasheet HTML 23Page - Texas Instruments ADS5482 Datasheet HTML 24Page - Texas Instruments ADS5482 Datasheet HTML 25Page - Texas Instruments ADS5482 Datasheet HTML 26Page - Texas Instruments ADS5482 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Clock Common Mode Voltage − V
50
60
70
80
90
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G062
10 MHz
30 MHz
70 MHz
231 MHz
100 MHz
Clock Common Mode Voltage − V
65
67
69
71
73
75
77
79
81
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G063
10 MHz
30 MHz
70 MHz
231 MHz
100 MHz
Clock Duty Cycle − %
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
G064
10 MHz
231 MHz
100 MHz
30 MHz
70 MHz
fS = 135 MSPS
AIN = −1 dBFS
Clock Input = 3 Vpp
ADS5481
ADS5482, ADS5483
www.ti.com ...................................................................................................................................................................................................... SLAS565 – JUNE 2008
Figure 44. SFDR versus Clock Common Mode
Figure 45. SNR versus Clock Common Mode
Figure 46. SFDR vs Clock Duty Cycle
The ADS5483 is capable of achieving 78.2 dBFS SNR at 100 MHz of analog input frequency. In order to achieve
the SNR at 100 MHz the clock source rms jitter (at the ADC clock input pins) must be at most 205 fsec in order
for the total rms jitter to be 220 fsec due to internal ADC aperture jitter of ~80 fsec. A summary of maximum
recommended rms clock jitter as a function of analog input frequency for the ADS5483 is provided in Table 2.
The equations used to create the table are presented and can be used to estimate required clock jitter for
virtually any pipeline ADC.
Table 2. Recommended Approximate RMS Clock Jitter for ADS5483
ANALOG INPUT FREQUENCY
MEASURED SNR
TOTAL JITTER
MAXIMUM CLOCK JITTER
(MHz)
(dBc)
(fsec rms)
(fsec rms)
1
78.2
19581
19581
10
78
2004
2002
70
77.8
300
289
100
77.2
220
205
130
76
177
158
170
75.8
152
129
230
75.1
122
92
300
73.2
116
84
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com