Electronic Components Datasheet Search
  English  ▼

X  

ADS5482 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5482
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5482 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5482 Datasheet HTML 21Page - Texas Instruments ADS5482 Datasheet HTML 22Page - Texas Instruments ADS5482 Datasheet HTML 23Page - Texas Instruments ADS5482 Datasheet HTML 24Page - Texas Instruments ADS5482 Datasheet HTML 25Page - Texas Instruments ADS5482 Datasheet HTML 26Page - Texas Instruments ADS5482 Datasheet HTML 27Page - Texas Instruments ADS5482 Datasheet HTML 28Page - Texas Instruments ADS5482 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Digital Outputs
ADS5481
ADS5482, ADS5483
www.ti.com ...................................................................................................................................................................................................... SLAS565 – JUNE 2008
The ADC provides eight LVDS-compatible, offset binary, DDR data outputs (2 bits per LVDS output driver) and a
data-ready LVDS signal (DRY). It is recommended to use the DRY signal to capture the output data of the
ADS548x (use as a Clock Output). DRY is source-synchronous to the DATA outputs and operates at the same
frequency, creating a full-rate DDR interface that updates data on both the rising and falling edges of DRY. It is
recommended that the capacitive loading on the digital outputs be minimized. Higher capacitance shortens the
data-valid timing window. The values given for timing (see Figure 1) were obtained with a 5-pF parasitic board
capacitance to ground on each LVDS line. When setting the time relationship between DRY and DATA at the
receiving device, it is generally recommended that setup time be maximized, but this partially depends on the
setup and hold times of the device receiving the digital data. Since DRY and DATA are coincident, it will likely be
necessary to delay either DRY such that DATA setup time is maximized.
The LVDS outputs all require an external 100-
Ω load between each output pair in order to meet the expected
LVDS voltage levels. For long trace lengths, it may be necessary to place a 100-
Ω load on each digital output as
close to the ADS548x as possible and another 100-
Ω differential load at the end of the LVDS transmission line to
terminate the transmission line and avoid signal reflections. The effective load in this case reduces the LVDS
voltage levels by half. The current of all LVDS drivers is set externally with a resistor connected between the
LVDSB (LVDS Bias) pin and ground. Normal LVDS current is 3.5mA per LVDS pair, set with a 10k
Ω external
resistor. For systems with excessive load capacitance on the LVDS lines, reducing the resistor value in order to
increase the LVDS Bias current is allowed to create a stronger LVDS drive capability. For systems with short
traces and minimal loading, increasing the resistor in order to decrease the LVDS current is allowable in order to
save power. Table 3 provides a sampling of LVDSB resistor values should deviation from the recommended
LVDS output current of 3.5mA be considered. It is not recommended to exceed the range listed in the table. If
the LVDS bias current is adjusted, the differential load resistance should also be adjusted to maintain voltage
levels within the specification for the LVDS outputs. The signal integrity of the LVDS lines on the board layout
should be scrutinized to ensure proper LVDS signal integrity exists.
Table 3. Setting the LVDS Current Drive
LVDSB RESISTOR TO GND,
Ω
LVDS NOMINAL CURRENT, mA
6k
5.6
8k
4.3
10k (value for normal recommended operation)
3.5
12k
2.8
14k
2.3
16k
2.0
18k
1.7
20k
1.5
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): ADS5481 ADS5482, ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com