Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPW
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS7229IPW Datasheet HTML 31Page - Texas Instruments ADS7229IPW Datasheet HTML 32Page - Texas Instruments ADS7229IPW Datasheet HTML 33Page - Texas Instruments ADS7229IPW Datasheet HTML 34Page - Texas Instruments ADS7229IPW Datasheet HTML 35Page - Texas Instruments ADS7229IPW Datasheet HTML 36Page - Texas Instruments ADS7229IPW Datasheet HTML 37Page - Texas Instruments ADS7229IPW Datasheet HTML 38Page - Texas Instruments ADS7229IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
EOC#1
(activelow)
CONVST #2=1
FS/
#1
CS
INT
(activelow)
Common S
K
CL
C s
a c d
a ed M n
a ual Tr
a
ig
h
ge
W
r/Read
ile S mpling
(UseinternalCCLK,EOC,and
programmedasactivelow)
heldlowduringtheNtimes16bitstransfercycle
INT
CS
SDO#2
SDI
t
CONV =18CCLKs
1……………………16
1101b
READResult
1……………………16
Nth
1……………………16
1101b
READResult
FS/
#2
CS
FS/
#3
CS
SDO#1
Nthfrom #1
SDO#3
N
1th#
-
2
Nthfrom #3
Nthfrom #1
Nthfrom #1
N
1th#
-
2
t
4
t
4
CONVST #1
CONVST #3
READResult
1101b
t
SAMPLE1 =3CCL
n
KsMi
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
Figure 64 shows a slightly different scenario where CONVST is not shared by the second converter. Converters
#1 and #3 have the same CONVST signal. In this case, converter #2 simply passes the previous conversion data
downstream.
Figure 64. Simplified Cascade Timing (Separate CONVST)
The number of SCLKs required for a serial read cycle depends on the combination of different read modes, TAG
bit, chain mode, and the way a channel is selected (that is, auto channel select). These possible configurations
are listed in Table 6.
Table 6. Required SCLKs For Different Read Out Mode Combinations
CHAIN MODE
AUTO CHANNEL
NUMBER OF SCLK PER SPI
ENABLED CFR.D5
SELECT CFR.D11
TAG ENABLED CFR.D1
READ
TRAILING BITS
0
0
0
12
None
0
0
1
≥ 17
MSB is TAG bit plus zero(s)
0
1
0
12
None
0
1
1
≥ 17
TAG bit plus seven zeros
1
0
0
16
None
1
0
1
24
TAG bit plus seven zeros
1
1
0
16
None
1
1
1
24
TAG bit plus seven zeros
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com