Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPW
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS7229IPW Datasheet HTML 12Page - Texas Instruments ADS7229IPW Datasheet HTML 13Page - Texas Instruments ADS7229IPW Datasheet HTML 14Page - Texas Instruments ADS7229IPW Datasheet HTML 15Page - Texas Instruments ADS7229IPW Datasheet HTML 16Page - Texas Instruments ADS7229IPW Datasheet HTML 17Page - Texas Instruments ADS7229IPW Datasheet HTML 18Page - Texas Instruments ADS7229IPW Datasheet HTML 19Page - Texas Instruments ADS7229IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
InputFrequency(kHz)
80
78
76
74
72
70
0
100
10
20
30
40
50
60
70
80
90
5V
3V
InputFrequency(kHz)
80
78
76
74
72
70
0
100
10
20
30
40
50
60
70
80
90
5V
3V
InputFrequency(kHz)
-80
-85
-90
-95
-100
0
100
10
20
30
40
50
60
70
80
90
5V
3V
InputFrequency(kHz)
100
95
90
85
80
0
100
10
20
30
40
50
60
70
80
90
3V
5V
Full-ScaleRange(V)
76
74
72
70
68
66
0
5
1
2
3
4
5V
3V
f
=10kHz
IN
Full-ScaleRange(V)
76
74
72
70
68
66
0
5
1
2
3
4
5V
3V
f
=10kHz
IN
ADS7229
ADS7230
SBAS437 – MAY 2008........................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
At –40
°C to +85°C, V
REF [(REF+) – (REF–)] = 5V when +VA = +VBD = 5V or VREF [(REF+) – (REF–)] = 2.5V when +VA =
+VBD = 3V, fSCLK = 42MHz, or VREF = 2.5 when +VA = +VBD = 2.7V, fSCLK = 37.8MHz, and fi = dc for dc curves, fi = 100kHz
for ac curves with 5V supply and fi = 10kHz for ac curves with 3V supply, unless otherwise noted.
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE AND DISTORTION
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 18.
Figure 19.
TOTAL HARMONIC DISTORTION
SPURIOUS-FREE DYNAMIC RANGE
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 20.
Figure 21.
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE AND DISTORTION
vs FULL-SCALE RANGE
vs FULL-SCALE RANGE
Figure 22.
Figure 23.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com