Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPW
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPW Datasheet(HTML) 2 Page - Texas Instruments

  ADS7229IPW Datasheet HTML 1Page - Texas Instruments ADS7229IPW Datasheet HTML 2Page - Texas Instruments ADS7229IPW Datasheet HTML 3Page - Texas Instruments ADS7229IPW Datasheet HTML 4Page - Texas Instruments ADS7229IPW Datasheet HTML 5Page - Texas Instruments ADS7229IPW Datasheet HTML 6Page - Texas Instruments ADS7229IPW Datasheet HTML 7Page - Texas Instruments ADS7229IPW Datasheet HTML 8Page - Texas Instruments ADS7229IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
ADS7229
ADS7230
SBAS437 – MAY 2008........................................................................................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
OFFSET
TRANSPORT
LINEARITY
LINEARITY
ERROR
PACKAGE
PACKAGE
TEMPERATURE
ORDERING
MEDIA,
MODEL
(LSB)
(LSB)
(mV)
TYPE
DESIGNATOR
RANGE
INFORMATION
QUANTITY
ADS7229IRSAT
Small tape and reel, 250
4
× 4 QFN-16
RSA
ADS7229IRSAR
Tape and reel, 3000
ADS7229I
±0.5
±0.5
±1.25
–40
°C to +85°C
ADS7229IPW
Tube, 90
TSSOP-16
PW
ADS7229IPWR
Tape and reel, 2000
ADS7230IRSAT
Small tape and reel, 250
4
× 4 QFN-16
RSA
ADS7230IRSAR
Tape and reel, 3000
ADS7230I
±0.5
±0.5
±1.25
–40
°C to +85°C
ADS7230IPW
Tube, 90
TSSOP-16
PW
ADS7230IPWR
Tape and reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range, unless otherwise noted.
ADS7229, ADS7230
UNIT
+IN to AGND
–0.3 to +VA + 0.3
V
Voltage
–IN to AGND
–0.3 to +VA + 0.3
V
+VA to AGND
–0.3 to 7
V
Voltage range
+VBD to BDGND
–0.3 to 7
V
AGND to BDGND
–0.3 to 0.3
V
Digital input voltage to BDGND
–0.3 to +VBD + 0.3
V
Digital output voltage to BDGND
–0.3 to +VBD + 0.3
V
TA
Operating free-air temperature range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
TJ
Junction temperature
+150
°C
max
Vapor phase (60 sec)
+215
°C
Lead temperature,
soldering
Infrared (15 sec)
+220
°C
4
× 4 QFN-16
package
Power dissipation
(TJmax – TA)/θJA
θ
JA thermal impedance
47
°C/W
Vapor phase (60 sec)
+215
°C
Lead temperature,
soldering
Infrared (15 sec)
+220
°C
TSSOP-16
package
Power dissipation
(TJmax – TA)/θJA
θ
JA thermal impedance
86
°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com