Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPW
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS7229IPW Datasheet HTML 15Page - Texas Instruments ADS7229IPW Datasheet HTML 16Page - Texas Instruments ADS7229IPW Datasheet HTML 17Page - Texas Instruments ADS7229IPW Datasheet HTML 18Page - Texas Instruments ADS7229IPW Datasheet HTML 19Page - Texas Instruments ADS7229IPW Datasheet HTML 20Page - Texas Instruments ADS7229IPW Datasheet HTML 21Page - Texas Instruments ADS7229IPW Datasheet HTML 22Page - Texas Instruments ADS7229IPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
SampleRate(kSPS)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
90
10
20
30
40
50
60
70
80
5V
3V
PDMode
SampleRate(kSPS)
7
6
5
4
3
2
1
0
1
5V
3V
1000
10
100
AutoNAP
Temperature( C)
°
-15
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
-40
85
10
35
60
5V
3V
f =1MSPS
S
Temperature( C)
°
-15
0.35
0.30
0.25
0.20
0.15
-40
85
10
35
60
5V
3V
NAPMode
Code
0
+VA=5V
4000
1000
2000
3000
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-0.25
Code
0
+VA=5V
4000
1000
2000
3000
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-0.25
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
TYPICAL CHARACTERISTICS (continued)
At –40
°C to +85°C, V
REF [(REF+) – (REF–)] = 5V when +VA = +VBD = 5V or VREF [(REF+) – (REF–)] = 2.5V when +VA =
+VBD = 3V, fSCLK = 42MHz, or VREF = 2.5 when +VA = +VBD = 2.7V, fSCLK = 37.8MHz, and fi = dc for dc curves, fi = 100kHz
for ac curves with 5V supply and fi = 10kHz for ac curves with 3V supply, unless otherwise noted.
ANALOG SUPPLY CURRENT
ANALOG SUPPLY CURRENT
vs SAMPLE RATE
vs SAMPLE RATE
Figure 36.
Figure 37.
ANALOG SUPPLY CURRENT
ANALOG SUPPLY CURRENT
vs FREE-AIR TEMPERATURE
vs FREE-AIR TEMPERATURE
Figure 38.
Figure 39.
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
Figure 40.
Figure 41.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com