Electronic Components Datasheet Search
  English  ▼

X  

THS7374IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS7374IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7374IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS7374IPWR Datasheet HTML 3Page - Texas Instruments THS7374IPWR Datasheet HTML 4Page - Texas Instruments THS7374IPWR Datasheet HTML 5Page - Texas Instruments THS7374IPWR Datasheet HTML 6Page - Texas Instruments THS7374IPWR Datasheet HTML 7Page - Texas Instruments THS7374IPWR Datasheet HTML 8Page - Texas Instruments THS7374IPWR Datasheet HTML 9Page - Texas Instruments THS7374IPWR Datasheet HTML 10Page - Texas Instruments THS7374IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CH1OUT
CH2OUT
CH3OUT
CH4OUT
V
S+
BYPASS
NC
CH1IN
CH2IN
CH3IN
CH4IN
GND
DISABLE
NC
THS7374IPW
THS7374
www.ti.com....................................................................................................................................................................................................... SLOS590 – JULY 2008
PW PACKAGE
TSSOP-14
TOP VIEW
Table 1. TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
CH1 IN
1
I
Video input; channel 1
CH2 IN
2
I
Video input; channel 2
CH3 IN
3
I
Video input; channel 3
CH4 IN
4
I
Video input; channel 4
GND
5
I
Ground pin for all internal circuitry
Disable pin. Logic high disables the part; logic low enables the part. This pin must not be left
DISABLE
6
I
floating. It must be connected to a defined logic state (or GND or VS+).
NC
7, 8
—
No internal connection
Internal filter bypass. Logic high bypasses the internal low-pass filter; logic low uses the
BYPASS
9
I
internal filters. This pin must not be left floating. It must be connected to a defined logic state
(or GND or VS+).
VS+
10
I
Positive power-supply pin; connect to +3 V to +5 V
CH4 OUT
11
O
Video output; channel 4
CH3 OUT
12
O
Video output; channel 3
CH2 OUT
13
O
Video output; channel 2
CH1 OUT
14
O
Video output; channel 1
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS7374



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com