Electronic Components Datasheet Search
  English  ▼

X  

THS7374IPWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS7374IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7374IPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS7374IPWR Datasheet HTML 12Page - Texas Instruments THS7374IPWR Datasheet HTML 13Page - Texas Instruments THS7374IPWR Datasheet HTML 14Page - Texas Instruments THS7374IPWR Datasheet HTML 15Page - Texas Instruments THS7374IPWR Datasheet HTML 16Page - Texas Instruments THS7374IPWR Datasheet HTML 17Page - Texas Instruments THS7374IPWR Datasheet HTML 18Page - Texas Instruments THS7374IPWR Datasheet HTML 19Page - Texas Instruments THS7374IPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
-40
50
60
70
80
90
100
-
-
-
-
-
-
1
4
Frequency(MHz)
2
3
V
=5V,FilterMode
R =150
||10pF
AC-CoupledOutput
S+
L
W
2V
HD3
-
PP
2V
HD2
-
PP
1V
HD3
-
PP
1V
HD2
-
PP
0.5V
HD3
-
PP
0.5V
HD2
-
PP
THS7374
SLOS590 – JULY 2008....................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS+ = 5 V (continued)
RL = 150 Ω to GND and dc-coupled input and output, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
Figure 34.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS7374



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com