Electronic Components Datasheet Search
  English  ▼

X  

THS7374IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7374IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7374IPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS7374IPWR Datasheet HTML 1Page - Texas Instruments THS7374IPWR Datasheet HTML 2Page - Texas Instruments THS7374IPWR Datasheet HTML 3Page - Texas Instruments THS7374IPWR Datasheet HTML 4Page - Texas Instruments THS7374IPWR Datasheet HTML 5Page - Texas Instruments THS7374IPWR Datasheet HTML 6Page - Texas Instruments THS7374IPWR Datasheet HTML 7Page - Texas Instruments THS7374IPWR Datasheet HTML 8Page - Texas Instruments THS7374IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
THS7374
1
FEATURES
DESCRIPTION
APPLICATIONS
75 W
Y'/G'Out
CVBS/Sync
CVBS
+3.3V
R
Y'/G'
R
P’ /B'
B
R
P’ /R'
R
R
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CH1OUT
CH2OUT
CH3OUT
CH4OUT
V
S+
BYPASS
NC
CH1IN
CH2IN
CH3IN
CH4IN
GND
DISABLE
NC
THS7374
ToGPIOController
orGND
75 W
75 W
P' /B'Out
B
75 W
75 W
P' /R'Out
R
75 W
75 W
75 W
+3Vto+5V
DAC/Encoder
SDTV
CVBS
S-Video
Y'P’ P'
R'G'B’
B
R
THS7374
www.ti.com....................................................................................................................................................................................................... SLOS590 – JULY 2008
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
2
• 4-SDTV Video Amplifiers for CVBS, S-Video,
Fabricated using the revolutionary complementary
Y'P'BP'R 480i/576i, Y'U'V', or G'B'R' (R'G'B')
Silicon-Germanium (SiGe) BiCom3X process, the
THS7374 is a low-power, single-supply 3 V to 5 V
• Integrated Low-Pass Filters:
four-channel integrated video buffer. It incorporates a
–
6th-Order 9.5-MHz (–3dB) Butterworth
sixth-order Butterworth filter (able to be bypassed)
–
–1 dB Passband Bandwidth at 8.2-MHz
which is useful as a digital-to-analog converter (DAC)
reconstruction filter or an analog-to-digital converter
–
54-dB Attenuation at 27-MHz
(ADC) anti-aliasing filter. The 9.5-MHz filter is a
• 150-MHz (-3dB) Filter Bypass Mode
perfect
choice
for
SDTV
video
that
includes
• Versatile Input Biasing
composite (CVBS), s-video, Y'U'V', G'B'R' (R'G'B'),
and Y'P'BP'R 480i/576i.
–
DC-Coupled with 300-mV Output Shift
–
AC-Coupled with Sync-Tip Clamp
As part of the THS7374 flexibility, the input can be
configured for either ac or dc-coupled inputs. The
–
AC-Coupled with Biasing Allowed
300-mV output level shift allows for a full sync
• Built-in 6-dB Gain (2 V/V)
dynamic range at the output with 0-V input. The
• +3-V to +5-V Single-Supply Operation
ac-coupled modes include a transparent sync-tip
clamp option for CVBS, Y', and G'B'R' signals with
• Rail-to-Rail Output:
sync. AC-coupled biasing for C'/P'B/P'R channels can
–
Output Swings Within 100 mV from the
easily be achieved by adding an external resistor.
Rails to Allow AC or DC Output Coupling
The THS7374 is the perfect choice for all video buffer
–
Supports Driving 2 Lines per Channel
applications. Its rail-to-rail output stage with 6-dB gain
• Low 9.6-mA at 3.3-V Total Quiescent Current
allows for both ac and dc line driving. The ability to
• 0.1-µA Disabled Supply Current Function
drive two lines per channel, or 75-
Ω loads, allows for
maximum flexibility as a video line driver. The 9.6-mA
• Low Differential Gain/Phase of 0.15%/0.3°
total quiescent current at 3.3 V and 0.1-
µA disabled
• Lead-Free and Green TSSOP-14 Package
current makes it an excellent choice for portable or
other power-sensitive applications.
The THS7374 is available in a TSSOP-14 package
• Low-Cost SCART Systems
that is lead-free and green (RoHS) compliant.
• Set Top Box Output Video Buffering
• Surveillance Systems
Figure 1. 3.3-V Single-Supply, DC-Input/DC-Output Coupled Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7374IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7374IPWR TI1-THS7374IPWR Datasheet
1Mb / 42P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7374IPWR TI2-THS7374IPWR Datasheet
901Kb / 43P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
REVISED JANUARY 2011
THS7374IPWR.B TI2-THS7374IPWR.B Datasheet
901Kb / 43P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
REVISED JANUARY 2011
THS7374IPWRG4 TI1-THS7374IPWRG4 Datasheet
1Mb / 42P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
More results

Similar Description - THS7374IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7375 TI-THS7375 Datasheet
918Kb / 36P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7374 TI1-THS7374_16 Datasheet
1Mb / 42P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com