Electronic Components Datasheet Search
  English  ▼

X  

THS7374IPWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS7374IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7374IPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS7374IPWR Datasheet HTML 20Page - Texas Instruments THS7374IPWR Datasheet HTML 21Page - Texas Instruments THS7374IPWR Datasheet HTML 22Page - Texas Instruments THS7374IPWR Datasheet HTML 23Page - Texas Instruments THS7374IPWR Datasheet HTML 24Page - Texas Instruments THS7374IPWR Datasheet HTML 25Page - Texas Instruments THS7374IPWR Datasheet HTML 26Page - Texas Instruments THS7374IPWR Datasheet HTML 27Page - Texas Instruments THS7374IPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Low-Cost SCART System
TVCVBS/
SyncOut
75 W
R'
R
G'
R1
B'
R1
CVBS/Sync
R1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CH1OUT
CH2OUT
CH3OUT
CH4OUT
V
S+
BYPASS
NC
CH1IN
CH2IN
CH3IN
CH4IN
GND
DISABLE
NC
THS7374
ToGPIOController
orGND
Left
R2
TVR'Out
75 W
TVG'Out
75 W
TVB'Out
75 W
+3Vto+5V
Right
SOC
PCM17xx
R2
Amp
LPFBias
Amp
LPFBias
NE5532
DRV600
DRV601
A
B
C
INH
VEE
VSS
+12V
+12V
100 W
+V
BIAS
47 F
m
100 W
47 F
m
100kW
100kW
+
330 F
m
(1)
VCRCVBS/
SyncOut
75 W
+
330 F
m
(1)
+
330 F
m
(1)
+
330 F
m
(1)
+
330 F
m
(1)
20
18
16
14
12
10
8
6
4
2
19
17
15
13
11
9
7
5
3
1
AudioLeftOut
470 W
47 F
m
AudioRightOut
470 W
47 F
m
AudioLeftOut
470 W
47 F
m
0.1 F
m
AudioRightOut
470 W
47 F
m
NC
NC
NC
NC
NC
NC
NC
NC
75 W
1kW
470 W
1kW
FastBlank
RGB/CVBS
(FromGPIO)
TVSCART
10kW
1.5kW
1.5kW
STBY/TV
(FromGPIO)
16:9/4:3
(FromGPIO)
21
20
18
16
14
12
10
8
6
4
2
19
17
15
13
11
9
7
5
3
1
NC
NC
NC
220 W
VCRSCART
75 W
VCRCVBSIn
VCRMode
22kW
22kW
22kW
21
CD4053
THS7374
SLOS590 – JULY 2008....................................................................................................................................................................................................... www.ti.com
of this switch is acceptable in this configuration,
because the input impedance of the THS7374 is 800
The THS7374 is an ideal device for use in low-cost
k
Ω and the audio signal impedance requirement is
SCART systems. SCART is used primarily throughout
less than 1 k
Ω. Obviously, other switches and
Europe and requires four video channels to support
methods could be used, but this alternative is very
the RGB and timing channel. The timing channel is
low cost compared to fairly expensive SCART
also utilized for CVBS signals for systems that do not
switching ICs. It does not support all possible modes
have separate RGB video signals. The connector
and configurations, but it is a good fit to meet many
also
adds
audio
and
several
other
functions.
system requirements.
Figure 42 shows a low-cost application that allows for
a commonly-used SCART switching interface with a
simple CD4053 switch. The relatively high impedance
(1) These capacitors are optional.
Figure 42. Low-Cost SCART Switching System Circuit
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS7374



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com