Electronic Components Datasheet Search
  English  ▼

X  

TLC5944PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TLC5944PWPR Datasheet HTML 1Page - Texas Instruments TLC5944PWPR Datasheet HTML 2Page - Texas Instruments TLC5944PWPR Datasheet HTML 3Page - Texas Instruments TLC5944PWPR Datasheet HTML 4Page - Texas Instruments TLC5944PWPR Datasheet HTML 5Page - Texas Instruments TLC5944PWPR Datasheet HTML 6Page - Texas Instruments TLC5944PWPR Datasheet HTML 7Page - Texas Instruments TLC5944PWPR Datasheet HTML 8Page - Texas Instruments TLC5944PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ELECTRICAL CHARACTERISTICS
D
(%)=
I
OUTn
-
1
(I
+I
+...+I
+I
)
OUT0
OUT1
OUT15
OUT14
16
´
100
.
D
(%)=
IdealOutputCurrent
-
(IdealOutputCurrent)
(I
+I
+...I
+I
)
OUT0
OUT1
OUT14
OUT15
16
´
100
I
=40.5
´
OUT(IDEAL)
1.20
R
IREF
100
(I
atV
=3.0V)
OUTn
CC
(I
atV
=5.5V)
(I
atV
=3.0V)
OUTn
CC
OUTn
CC
-
5.5V
3V
-
D
(%/V)=
´
TLC5944
SBVS112 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
At VCC = 3.0 V to 5.5 V and TA = –40°C to +85°C. Typical values at VCC = 3.3 V and TA = +25°C, unless otherwise noted.
TLC5944
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA at SOUT
VCC – 0.4
VCC
V
IOL = 1 mA at SOUT
0
0.4
V
VOL
Low-level output voltage
IOL = 5 mA at XERR
0
0.4
V
VIN = VCC or GND at SIN, SCLK, XLAT, GSCLK,
IIN
Input current
–1
1
µA
BLANK, DCSEL
SIN/SCLK/GSCLK/XLAT/DCSEL = low, BLANK = high,
ICC1
1
2
mA
DCn = 3Fh, VOUTn = 1 V, RIREF = 24 kΩ
SIN/SCLK/GSCLK/XLAT/DCSEL = low, BLANK = high,
ICC2
5
10
mA
DCn = 3Fh, VOUTn = 1 V, RIREF = 1.6 kΩ
SCLK = 30 MHz, GSCLK = 33 MHz, SIN = 15 MHz,
XLAT/DCSEL = low,
BLANK = low during 4095 GSCLK period and high
ICC3
17
35
mA
during 1 GSCLK period,
Supply current (VCC)
GSn = FFFh, DCn = 3Fh, VOUTn = 1 V,
RIREF = 1.6 kΩ
SCLK = 30 MHz, GSCLK = 33 MHz, SIN = 15 MHz,
XLAT/DCSEL = low,
BLANK = low during 4095 GSCLK period and high
ICC4
30
60
mA
during 1 GSCLK period,
GSn = FFFh, DCn = 3Fh, VOUTn = 1 V,
RIREF = 820 Ω
All OUTn = ON, DCn = 3Fh, VOUTn = VOUTfix = 1 V,
IO(LC)
Constant output current
54
60
66
mA
RIREF = 1 kΩ (see Figure 9), at OUT0 to OUT15
All OUTn for constant current driver, all output off,
IO(LKG)
BLANK = high, VOUTn = VOUTfix = 15 V, VUP = 15 V,
0.1
µA
RIREF = 820 Ω (see Figure 10), at OUT0 to OUT15
Leakage output current
All OUTn for pre-charge FET, all output off,
IO(LKG1)
BLANK = low, VOUTn = VOUTfix = 0 V, VUP = 15 V,
–10
µA
RIREF = 820 Ω (see Figure 10), at OUT0 to OUT15
IO(LKG2)
XERR, no error status, VOUTn = 5.5 V
1
µA
Constant current error
All OUTn = ON, DCn = 3Fh, VOUTn = 1 V,
ΔIO(LC)
±1
±3
%
(channel-to-channel)(1)
RIREF = 820 Ω, at OUT0 to OUT15
Constant current error
All OUTn = ON, DCn = 3Fh, VOUTn = 1 V,
ΔIO(LC1)
±3
±6
%
(device-to-device)(2)
RIREF = 820 Ω, at OUT0 to OUT15
All OUTn = ON, DCn = 3Fh, VOUTn = 1 V,
ΔIO(LC2)
Line regulation(3)
±0.5
±1
%/V
RIREF = 820 Ω, at OUT0 to OUT15
(1)
The deviation of each output from the average of OUT0–OUT15 constant current. Deviation is calculated by the formula:
(2)
The deviation of the OUT0–OUT15 constant current average from the ideal constant current value.
Deviation is calculated by the following formula:
Ideal current is calculated by the formula:
(3)
Line regulation is calculated by this equation:
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com