Electronic Components Datasheet Search
  English  ▼

X  

TLC5944PWPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 15Page - Texas Instruments TLC5944PWPR Datasheet HTML 16Page - Texas Instruments TLC5944PWPR Datasheet HTML 17Page - Texas Instruments TLC5944PWPR Datasheet HTML 18Page - Texas Instruments TLC5944PWPR Datasheet HTML 19Page - Texas Instruments TLC5944PWPR Datasheet HTML 20Page - Texas Instruments TLC5944PWPR Datasheet HTML 21Page - Texas Instruments TLC5944PWPR Datasheet HTML 22Page - Texas Instruments TLC5944PWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Grayscale (GS) Shift Register and Data Latch
¼
¼
¼
¼
¼
¼
¼
¼
GrayscaleShiftRegister(12Bits
16Channels)
´
GrayscaleDataLatch(12Bits
16Channels)
´
SOUT
(DCSEL=L)
GSDataforOUT15
GSDataforOUT14
GSDataforOUT1
¼
GSDataforOUT0
MSB
191
180
179
12
175
11
LSB
0
OUT1-Bit0
OUT0-Bit11
OUT0-Bit0
OUT14-Bit7
(TEF)
¼
¼
OUT14-Bit7
OUT15-Bit0
(LOD-OUT4)
OUT14-Bit11
(LOD-OUT3)
OUT15-Bit11
(LOD-OUT15)
SIN
SCLK
(DCSEL=L)
¼
¼
GSDataforOUT15
GSDataforOUT14
GSDataforOUT1
¼
GSDataforOUT0
MSB
191
180
179
12
11
LSB
0
OUT0-Bit11
OUT0-Bit0
OUT15-Bit0
OUT14-Bit11
OUT15-Bit11
XLAT
(DCSEL=L)
192Bits
ToPWMTimingControlBlock
SIDDataareOverwrittenBetweenBits191and174
OUT1-Bit0
174
OUT14-Bit6
(PTW)
OUT14-Bit6
TLC5944
www.ti.com ...................................................................................................................................................................................................... SBVS112 – JUNE 2008
The grayscale (GS) shift registers and data latches are each 192 bits in length, and set the PWM timing for each
constant current driver. See Table 3 for the ON time duty of each GS data bit. Figure 28 shows the shift register
and latch configuration. Refer to Figure 14 for the timing diagram for writing data into the GS shift register and
latch.
The driver on time is controlled by the data in the GS data latch. GS data present on the SIN pin are clocked into
the GS shift register with each rising edge of the GSCLK pin when DCSEL is low. Data are shifted in MSB first.
Data are latched from the shift register into the GS data latch with a rising edge on the XLAT pin. A DCSEL level
change is allowed when SCLK is low and 100 ns after the rising edge of XLAT.
When the device powers up, the data in the GS shift register and latches are not set to any default value.
Therefore, GS data must be written to the GS latch before turning on the constant current output. Also, BLANK
should be at a high level when powering on the device, because the constant current may be turned on as well.
All constant current output is off when BLANK is at a high level. The status information data (SID) byte is
overwritten on the most significant 18 bits of the grayscale shift register at the first rising edge of GSCLK after
XLAT goes low.
Figure 28. Grayscale Shift Register and Data Latch Configuration
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com