Electronic Components Datasheet Search
  English  ▼

X  

TLC5944PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 4Page - Texas Instruments TLC5944PWPR Datasheet HTML 5Page - Texas Instruments TLC5944PWPR Datasheet HTML 6Page - Texas Instruments TLC5944PWPR Datasheet HTML 7Page - Texas Instruments TLC5944PWPR Datasheet HTML 8Page - Texas Instruments TLC5944PWPR Datasheet HTML 9Page - Texas Instruments TLC5944PWPR Datasheet HTML 10Page - Texas Instruments TLC5944PWPR Datasheet HTML 11Page - Texas Instruments TLC5944PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TLC5944
SBVS112 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS
TERMINAL
NAME
PWP
RHB
I/O
DESCRIPTION
SIN
5
2
I
Serial data input for grayscale and dot correction.
Serial data shift clock for GS shift register and DC shift register. Schmitt buffer input. The shift
register is selected by the DCSEL pin. Data present on the SIN pin are shifted into the shift
SCLK
4
1
I
register selected by DCSEL with the rising edge of the SCLK pin. Data in the selected shift
register are shifted to the MSB side by 1-bit synchronizing to the rising edge of SCLK. The MSB
data of the selected register appears on SOUT.
Data in the GS and DC shift register are moved to the respective data latch with a low-to-high
XLAT
3
32
I
transition of this pin.
Shift register and data latch select. When DCSEL is low, SCLK/XLAT/SOUT are connected to the
DCSEL
6
3
I
GS shift register and data latch. When DCSEL is high, SCLK/XLAT/SOUT are connected to the
DC shift register and data latch. DCSEL should not be changed while SCLK is high.
Reference clock for grayscale PWM control. If BLANK is low, then each rising edge of GSCLK
GSCLK
25
24
I
increments the grayscale counter for PWM control.
Blank (all constant current outputs off). When BLANK is high, all constant current outputs (OUT0
through OUT15) are forced off, the grayscale counter is reset to '0', and the grayscale PWM
BLANK
2
31
I
timing controller is initialized. When BLANK is low, all constant current outputs are controlled by
the grayscale PWM timing controller.
Constant current value setting. OUT0 through OUT15 sink constant current is set to the desired
IREF
27
26
I/O
value by connecting an external resistor between IREF and GND.
Serial data output for GS, DC, and status information data (SID). This output is connected to the
SOUT
24
23
O
MSB of the shift register selected by DCSEL.
Error output. Open-drain output. XERR goes low when LOD or TEF are set. XERR is in high
XERR
23
22
O
impedance when error free.
Constant current output. Each output can be tied to other outputs to increase the constant
OUT0
7
4
O
current.
OUT1
8
5
O
Constant current output
OUT2
9
6
O
Constant current output
OUT3
10
7
O
Constant current output
OUT4
11
8
O
Constant current output
OUT5
12
9
O
Constant current output
OUT6
13
10
O
Constant current output
OUT7
14
11
O
Constant current output
OUT8
15
14
O
Constant current output
OUT9
16
15
O
Constant current output
OUT10
17
16
O
Constant current output
OUT11
18
17
O
Constant current output
OUT12
19
18
O
Constant current output
OUT13
20
19
O
Constant current output
OUT14
21
20
O
Constant current output
OUT15
22
21
O
Constant current output
VCC
28
27
—
Power-supply voltage
VUP
26
25
—
Pre-charge FET power supply
GND
1
30
—
Power ground
12, 13,
NC
—
—
No internal connection
28, 29
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com