Electronic Components Datasheet Search
  English  ▼

X  

TLC5944PWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 19Page - Texas Instruments TLC5944PWPR Datasheet HTML 20Page - Texas Instruments TLC5944PWPR Datasheet HTML 21Page - Texas Instruments TLC5944PWPR Datasheet HTML 22Page - Texas Instruments TLC5944PWPR Datasheet HTML 23Page - Texas Instruments TLC5944PWPR Datasheet HTML 24Page - Texas Instruments TLC5944PWPR Datasheet HTML 25Page - Texas Instruments TLC5944PWPR Datasheet HTML 26Page - Texas Instruments TLC5944PWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Thermal Shutdown and Thermal Error Flag
ICJunction
Temperature(T )
J
‘1’
T <T
J
(PTW)
T
T
³
J
(TEF)
T <T
-
T
J
(PTW)
(HYSP)
T
T
³
J
(TEF)
‘0’
XLAT
PTWinSID
(InternalData)
XERR
OUTn
GSCLK
OFF
ON
‘0’
Hi-Z
‘L’
OFF
SCLK
‘0’
TEFinSID
(InternalData)
‘0’
‘1’
T
T
³
J
(PTW)
T
-
<T
T
J
(TEF)
(HYST)
T
T
³
J
(PTW)
‘1’
‘1’
Hi-Z
‘L’
OFF
ON
BLANK
1
4
3
2
4093
4096
4095
4094
1
3
2
Internal Pre-Charge FET
TLC5944
www.ti.com ...................................................................................................................................................................................................... SBVS112 – JUNE 2008
The thermal shutdown (TSD) function turns off all of the constant current outputs on the IC immediately when the
junction temperature (TJ) exceeds the threshold (T(TEF) = +162°C, typ) and sets the thermal error flag (TEF) to '1'.
All outputs are latched off when TEF is set to '1'; TEF and PTW remain off until the next grayscale cycle after TJ
drops below (T(TEF) – T(HYST)). TEF is set to '0' once TJ drops below (T(TEF) – T(HYST)), but the output does not turn
on until the first GSCLK after BLANK goes low while TEF is set to '0'. Figure 32 illustrates the TEF/TSD/XERR
timing sequence.
Figure 32. TEF/TSD/XERR Timing
The internal pre-charge FET can prevent ghosting of multiplexed LED modules. One cause of this phenomenon
is the charging current for parastic capacitance of the constant current output line and driver through the LED.
One of the mechanisms is shown in Figure 33.
In Figure 33, the constant current driver turns LED0-0 on at (1) and off at (2). After LED0-0 is turned off, OUT0
voltage is pulled up to VCHG by LED0-0. This OUT0 node has some parasitic capacitance (such as the constant
current driver output capacitance, and the board layout capacitance shown as C0-2). After LED0-0 turns off,
SWPMOS0 is turned off and SWNMOS0 is turned on for LINE0, then LINE0 is pulled down to GND. Because
there is a parastic capacitance between LINE0 and OUT0, OUT0 voltage is also pulled down to GND. After that,
SWPMOS1 is turned on for next line (LINE1). When SWPMOS1 turns on, OUT0 voltage is pulled up from the
ground voltage to VLED – VF. The charge current (ICHRG) flows to the parasitic capacitor (C0) through LED1-0,
causing the LED to briefly turn on and creating the ghosting effect of LED1-0.
The TLC5944 has an internal pre-charge FET to prevent ghosting. The power supply of the pre-charge FET must
be connected to VLED (LED anode voltage). After a small delay after BLANK goes high, this FET pulls OUTn
(OUT0 to OUT15) up to VLED. The charge current does not flow to C0 through LED1-0 when SWMOS1 is turned
on and the ghosting is eliminated at (3). The pre-charge FET turns off as soon as BLANK goes low to avoid
current flowing from VLED through the pre-charge FET.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com