Electronic Components Datasheet Search
  English  ▼

X  

TPS720 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS720 Datasheet HTML 3Page - Texas Instruments TPS720 Datasheet HTML 4Page - Texas Instruments TPS720 Datasheet HTML 5Page - Texas Instruments TPS720 Datasheet HTML 6Page - Texas Instruments TPS720 Datasheet HTML 7Page - Texas Instruments TPS720 Datasheet HTML 8Page - Texas Instruments TPS720 Datasheet HTML 9Page - Texas Instruments TPS720 Datasheet HTML 10Page - Texas Instruments TPS720 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(mA)
OUT
V
=2.7V
BIAS
V
=3.5V
BIAS
V
=4.5V
BIAS
V
=5.5V
BIAS
V
=3.0V
BIAS
V
=4.0V
BIAS
V
=5.0V
BIAS
T =+25 C
°
J
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
(mA)
OUT
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
V
=2.7V
BIAS
T = 40
-
°
J
C
T =+25 C
°
J
T =+85 C
°
J
T =+105 C
°
J
T =+125 C
°
J
T =0 C
°
J
160
140
120
100
80
60
40
20
0
0
50
100
150
200
250
300
350
I
(mA)
OUT
+125 C
°
+105 C
°
+85 C
°
-
°
10 C
+25 C
°
-
°
40 C
1.15
1.14
1.13
1.12
1.11
1.10
1.09
1.08
1.07
1.06
1.05
1.04
-40
-25
-10
125
95
80
65
50
20
35
5
110
T
J (°C)
V
=V
-
OUT
OUT(NOM)
0.1
I
OUT =350mA
1.345
1.325
1.305
1.285
1.265
1.245
-40
-25
-10
125
95
80
65
50
20
35
5
110
T (°C)
J
I
=350mA
OUT
I
=0mA
OUT
I
=1mA
OUT
50
45
40
35
30
25
20
15
10
5
0
2.5
3.0
3.5
4.0
5.0
5.5
4.5
V
(V)
BIAS
+125 C
°
I
=1mA
OUT
+105 C
°
+85 C
°
+25 C
°
-10 C
°
-40 C
°
TPS720xx
www.ti.com ............................................................................................................................................................. SBVS100A – JUNE 2008 – REVISED JUNE 2008
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater);
VIN = VOUT + 0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
LOAD REGULATION WITH VIN FLOATING
LOAD REGULATION WITH VIN FLOATING
(TPS72013YZU)
(TPS72013YZU)
Figure 7.
Figure 8.
VIN DROPOUT VOLTAGE
VBIAS DROPOUT VOLTAGE
vs OUTPUT CURRENT (TPS72013YZU)
vs TEMPERATURE (TPS72033YZU)
Figure 9.
Figure 10.
OUTPUT VOLTAGE
GROUND PIN CURRENT
vs TEMPERATURE (TPS72013YZU)
vs VBIAS INPUT VOLTAGE (TPS72013YZU)
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com