Electronic Components Datasheet Search
  English  ▼

X  

TPS720 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720 Datasheet(HTML) 2 Page - Texas Instruments

  TPS720 Datasheet HTML 1Page - Texas Instruments TPS720 Datasheet HTML 2Page - Texas Instruments TPS720 Datasheet HTML 3Page - Texas Instruments TPS720 Datasheet HTML 4Page - Texas Instruments TPS720 Datasheet HTML 5Page - Texas Instruments TPS720 Datasheet HTML 6Page - Texas Instruments TPS720 Datasheet HTML 7Page - Texas Instruments TPS720 Datasheet HTML 8Page - Texas Instruments TPS720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
TPS720xx
SBVS100A – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TPS720xxyyyz
XX is nominal output voltage (for example, 28 = 2.8V, 285 = 2.85V).
YYY is the package designator.
Z is tape and reel quantity (R = 3000, T = 250).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Output voltages from 0.9V to 3.6V in 50mV increments are available through the use of innovative factory EEPROM programming;
minimum order quantities may apply. Contact factory for details and availability.
At TJ = –40°C to +125°C (unless otherwise noted). All voltages are with respect to GND.
PARAMETER
TPS720xx
UNIT
Input voltage range (steady-state), VIN
(2)
–0.3 to +5.0
V
Peak transient input voltage, VIN_PEAK
(3)
+5.5
V
Bias voltage range, VBIAS
–0.3 to +6.0
V
Enable voltage range, VEN
–0.3 to +6.0
V
Output voltage range, VOUT
–0.3 to +5.0
V
Peak output current, IOUT
Internally limited
Output short-circuit duration
Indefinite
Total continuous power dissipation, PDISS
See Dissipation Ratings Table
Human body model (HBM)
2000
V
ESD rating
Charged device model (CDM)
500
V
Machine model (MM)
100
V
Operating junction temperature range, TJ
–55 to +125
°C
Storage temperature range, TSTG
–55 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
To ensure proper operation of the device it is necessary that VIN ≤ VBIAS under all conditions.
(3)
For durations no longer than 1ms each, for a total of no more than 1000 occurrences over the lifetime of the device.
DERATING FACTOR
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = +25°C
TA < +25°C
TA = +70°C
TA = +85°C
High-K(1)
YZU
51°C/W
248°C/W
4mW/°C
403mW
222mW
160mW
(1)
The JEDEC high-K (2s2p) board used to derive this data was a 3- × 3-inch, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com