Electronic Components Datasheet Search
  English  ▼

X  

TPS720 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS720 Datasheet HTML 7Page - Texas Instruments TPS720 Datasheet HTML 8Page - Texas Instruments TPS720 Datasheet HTML 9Page - Texas Instruments TPS720 Datasheet HTML 10Page - Texas Instruments TPS720 Datasheet HTML 11Page - Texas Instruments TPS720 Datasheet HTML 12Page - Texas Instruments TPS720 Datasheet HTML 13Page - Texas Instruments TPS720 Datasheet HTML 14Page - Texas Instruments TPS720 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
APPLICATION INFORMATION
INRUSH CURRENT LIMIT
BOARD LAYOUT RECOMMENDATIONS TO
SHUTDOWN
DROPOUT VOLTAGE
INTERNAL CURRENT LIMIT
TRANSIENT RESPONSE
TPS720xx
www.ti.com ............................................................................................................................................................. SBVS100A – JUNE 2008 – REVISED JUNE 2008
The TPS720xx belongs to a family of new generation
LDO regulators that use innovative circuitry to
achieve ultra-wide bandwidth and high loop gain,
The TPS720xx family of LDO regulators implement a
resulting in extremely high PSRR (up to 1MHz) at
novel inrush current-limit circuit architecture: the
very low headroom (VIN – VOUT). The implementation
current drawn through the IN pin is limited to a finite
of the BIAS pin on the TPS720 vastly improves
value. This IINRUSHLIMIT charges the output to its final
efficiency of low VOUT applications by allowing the use
voltage. All the current drawn through VIN goes to
of a preregulated, low-voltage input supply. The
charge the output capacitance when the load is
TPS720xx supports a novel feature in which the
disconnected. The following equation shows the
output of the LDO regulates under light loads
inrush current limit performed by the circuit:
(<500
µA) when the IN pin is left floating. The
IINRUSHLIMIT(A) = COUT(µF) × 0.0454545(V/µs) +
light-load drive current is sourced from VBIAS under
ILOAD(A)
(1)
this condition. This feature is particularly useful in
power-saving applications where the dc/dc converter
Assuming a COUT of 2.2µF with the load disconnected
connected to the IN pin is disabled but the LDO is still
(that is, ILOAD = 0) the IINRUSHLIMIT is calculated to be
required to regulate the voltage to a light load. These
100mA. The inrush current charges the LDO output
features, combined with low noise, low ground pin
capacitor. If the output of the LDO regulates to 1.3V,
current, and ultra-small packaging, make this device
then the LDO charges the output capacitor to the final
ideal
for
portable
applications.
This
family
of
output value in approximately 28.6
µs.
regulators
offers
sub-bandgap
output
voltages,
Another consideration is when a load is connected to
current limit and thermal protection, and is fully
the output of an LDO. The connected load tries to
specified from –40°C to +125°C.
steer a portion of the current away from VOUT. The
TPS720xx inrush current-limit circuit employs a new
technique that supplies not only the IINRUSHLIMIT, but
IMPROVE PSRR AND NOISE PERFORMANCE
also the additional current needed by the load. If
ILOAD = 350mA, then the IINRUSHLIMIT calculates to be
To improve ac performance such as PSRR, output
approximately 450mA (from Equation 1).
noise, and transient response, it is recommended that
the board be designed with separate ground planes
for VIN and VOUT, with the ground plane connected
only at the GND pin of the device. In addition, the
The enable pin (EN) is active high and is compatible
ground connection for the output capacitor should be
with standard and low voltage, TTL-CMOS levels.
connected directly to the GND pin of the device. High
When shutdown capability is not required, EN can be
equivalent series resistance (ESR) capacitors may
connected to the IN pin.
degrade PSRR. The BIAS pin draws very little current
and can be routed as a signal (make sure to shield it
from high-frequency coupling).
The TPS720xx uses a NMOS pass transistor to
achieve low dropout. When (VIN – VOUT) is less than
the dropout voltage (VDO), the NMOS pass device is
The TPS720xx internal current limits help protect the
in
the
linear
region
of
operation
and
the
regulator during fault conditions. During current limit,
input-to-output resistance is the RDS(ON) of the NMOS
the output sources a fixed amount of current that is
pass element. VDO approximately scales with output
largely independent of output voltage. For reliable
current because the NMOS device behaves as a
operation, the device should not be operated in a
resistor in dropout.
current limit state for extended periods of time.
As with any linear regulator, PSRR and transient
The NMOS pass element in the TPS720xx has a
response are degraded as (VIN – VOUT) approaches
built-in body diode that conducts current when the
dropout. This effect is shown in Figure 19 in the
voltage at OUT exceeds the voltage at IN. This
Typical Characteristics section.
current is not limited, so if extended reverse voltage
operation is anticipated, external limiting to 5% of
rated output current may be appropriate.
As with any regulator, increasing the size of the
output capacitor reduces over/undershoot magnitude
but increases duration of the transient response.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com