Electronic Components Datasheet Search
  English  ▼

X  

TPS720 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS720 Datasheet HTML 8Page - Texas Instruments TPS720 Datasheet HTML 9Page - Texas Instruments TPS720 Datasheet HTML 10Page - Texas Instruments TPS720 Datasheet HTML 11Page - Texas Instruments TPS720 Datasheet HTML 12Page - Texas Instruments TPS720 Datasheet HTML 13Page - Texas Instruments TPS720 Datasheet HTML 14Page - Texas Instruments TPS720 Datasheet HTML 15Page - Texas Instruments TPS720 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
UNDERVOLTAGE LOCK-OUT (UVLO)
POWER DISSIPATION
THERMAL INFORMATION
PACKAGE MOUNTING
TPS720xx
SBVS100A – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
The internal protection circuitry of the TPS720xx has
been designed to protect against overload conditions.
The TPS720xx uses an undervoltage lock-out circuit
It was not intended to replace proper heatsinking.
to keep the output shut off until the internal circuitry is
Continuously running the TPS720xx into thermal
operating properly. The UVLO circuit has a deglitch
shutdown degrades device reliability.
feature
so
that
it
typically
ignores
undershoot
transients on the input if they are less than 50
µs
duration.
The ability to remove heat from the die is different for
each
package
type,
presenting
different
considerations in the printed circuit board (PCB)
Thermal protection disables the output when the
layout. The PCB area around the device that is free
junction temperature rises to approximately +160°C,
of other components moves the heat from the device
allowing the device to cool. When the junction
to the ambient air. Performance data for JEDEC low-
temperature cools to approximately +140°C, the
and high-K boards are given in the Dissipation
output circuitry is again enabled. Depending on power
Ratings table. Using heavier copper increases the
dissipation,
thermal
resistance,
and
ambient
effectiveness in removing heat from the device. The
temperature, the thermal protection circuit may cycle
addition of plated through-holes to heat-dissipating
on and off. This cycling limits the dissipation of the
layers also improves the heatsink effectiveness.
regulator, protecting it from damage as a result of
overheating.
Power dissipation depends on input voltage and load
conditions. Power dissipation (PD) is equal to the
Any tendency to activate the thermal protection circuit
product of the output current times the voltage drop
indicates
excessive
power
dissipation
or
an
across the output pass element (VIN to VOUT), as
inadequate heatsink. For reliable operation, junction
shown in Equation 2:
temperature should be limited to +125°C maximum.
PD = (VIN – VOUT) × IOUT
(2)
To estimate the margin of safety in a complete design
(including
heatsink),
increase
the
ambient
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. For good
Solder
pad
footprint
recommendations
for
the
reliability, thermal protection should trigger at least
TPS720xx are available from the Texas Instruments
+35°C
above
the
maximum
expected
ambient
web site at www.ti.com.
condition
of
the
particular
application.
This
configuration
produces
a
worst-case
junction
temperature of +125°C at the highest expected
ambient temperature and worst-case load.
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com