Electronic Components Datasheet Search
  English  ▼

X  

AD5750 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5750
Description  Industrial Current/Voltage Output Driver, Programmable Ranges
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750 Datasheet(HTML) 5 Page - Analog Devices

  AD5750 Datasheet HTML 1Page - Analog Devices AD5750 Datasheet HTML 2Page - Analog Devices AD5750 Datasheet HTML 3Page - Analog Devices AD5750 Datasheet HTML 4Page - Analog Devices AD5750 Datasheet HTML 5Page - Analog Devices AD5750 Datasheet HTML 6Page - Analog Devices AD5750 Datasheet HTML 7Page - Analog Devices AD5750 Datasheet HTML 8Page - Analog Devices AD5750 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Preliminary Technical Data
AD5750
Rev. PrC | Page 5 of 25
Parameter
B grade1
A grade2
Unit
Test Conditions/Comments
Short-Circuit Current
15
15
mA max
Load Conditions
Resistance
1
1
K Ohm min
For Specified Performance
Capacitance Load Stability
RL = ∞
20
20
nF max
RL = 2 kΩ
TBD
TBD
nF max
RL = ∞
1
1
μF max
External compensation capacitor of 4nF
connected.
0.1% Settling Time
10
10
Us
Specified with 200pF load
Slew Rate
1
1
V/μs typ
Output Noise
TBD
80
TBD
80
μV rms max
μV rms max
0.1 Hz to 10 Hz Bandwidth
100 kHz Bandwidth
Output Noise Spectral
Density
100
100
nV/√Hz typ
Measured at 10KHz
DC Output Impedance
0.3
0.3
Ω typ
DC PSRR
10
10
μV/V
AC PSRR
TBD
TBD
dB
200mV 50/60Hz Sinewavesuperimposed on
power supply voltage.
Power-On Glitch Energy
10
10
nV-sec typ
CURRENT OUTPUT
Output Current Ranges
0 to 24
0 to 24
mA
0 to 20
0 to 20
mA
4 to 20
4 to 20
mA
±20
±20
mA
±24
±24
mA
ACCURACY
Total Unadjusted Error (TUE)
±0.1
±0.3
% FSR max
With External Precision Resistor
TUE TC
±5
±5
ppm max
With External Precision Resistor
Bipolar Output
Relative Accuracy (INL)
±0.02
±0.02
% FSR max
Bipolar Zero Error
0.0325
0.0325
% FSR typ
Error at analog input = mid scale
Bipolar Zero TC
TBD
TBD
ppm % FSR max
Offset Error
0.0175
0.0175
% FSR typ
Error at analog input = 10mv
Zero Scale Error
0.0175
0.0175
% FSR typ
Error at analog input = 0.0v
Zero Scale TC
TBD
TBD
ppm % FSR max
Gain Error
0.01
0.01
% FSR typ
(Ideal Span – Measured Span)/Ideal Span
Gain Error TC
TBD
TBD
ppm % FSR max
Full Scale Error
0.0125
0.0125
% FSR typ
Error at analog input = 4.096v (FS)
Full Scale Error TC
TBD
TBD
ppm % FSR max
Unipolar Output
Relative Accuracy (INL)
±0.02
±0.02
% FSR max
Offset Error
0.01
0.01
% FSR typ
Error at analog input = 10mv
Zero Scale Error
0.01
0.01
% FSR typ
Error at analog input = 0.0v
Zero Scale TC
TBD
TBD
ppm % FSR max
Gain Error
0.15
0.15
% FSR typ
(Ideal Span – Measured Span)/Ideal Span
Gain Error TC
TBD
TBD
ppm % FSR max
Full Scale Error
0.01
0.01
% FSR typ
Error at analog input = 4.096v (FS)
Full Scale Error TC
TBD
TBD
ppm % FSR max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com