Electronic Components Datasheet Search
  English  ▼

X  

AD5750 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5750
Description  Industrial Current/Voltage Output Driver, Programmable Ranges
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5750 Datasheet HTML 11Page - Analog Devices AD5750 Datasheet HTML 12Page - Analog Devices AD5750 Datasheet HTML 13Page - Analog Devices AD5750 Datasheet HTML 14Page - Analog Devices AD5750 Datasheet HTML 15Page - Analog Devices AD5750 Datasheet HTML 16Page - Analog Devices AD5750 Datasheet HTML 17Page - Analog Devices AD5750 Datasheet HTML 18Page - Analog Devices AD5750 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD5750
Preliminary Technical Data
Rev. PrC | Page 15 of 25
THEORY OF OPERATION
Figures 11 and 12 shows a typical configuration of AD5750 in Software Mode (Figure 11) and in Hardware mode (Figure 12) in an
output module system. The HW SELECT pin chooses whether the part is configured in software or hardware mode. The analog input to
the AD5750 is provided from a low voltage, single supply digital-to-analog converter such as the AD5061 which provides an output
range of 0-4.096V. The supply and reference for the DAC, as well as the reference for the AD5750 can be supplied from a reference
such as the ADR392. The AD5750 can operate from supplies up to +26.4 volts.
In current mode, software selectable output ranges include
±20mA, ±24mA, 0-20 mA, 4mA–20mA or 0mA–24mA.
In voltage mode, software selectable output ranges include 0V–5V, 0V–10V,
±5V or ±10V. The current and voltage outputs are
available on separate pins. Only one output can be enabled at one time. The output range is selected by programming the range bits in
the control register.
VIN
AD566X
REFIN
ADR392
REFIN
VDD
VDD
VSS
AGND
MCU
SCLK
SDI
SDO
SYNC1
SYNC2
VOUT
RANGE
SCALE
IOUT
RANGE
SCALE
VOUT SHORT FAULT
IOUT OPEN FAULT
RANGE ERROR
STATUS REGISTER
OVERTEMP FAULT
SERIAL
INTERFACE
FAULT
VOUT
0-5V, 0-10V,
+/-5V, +/-10V
IOUT
0-20ma, 0-24ma,
4-20ma, +/-20ma,
+/-24ma.
AD5750
VSENSE-
VSENSE+
ADP1720
HW SELECT
Figure 11. Typical System Configuration in Software Mode .Pull up resistors not shown for open drain outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com