Electronic Components Datasheet Search
  English  ▼

X  

AD5751 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5751
Description  Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5751 Datasheet(HTML) 4 Page - Analog Devices

  AD5751 Datasheet HTML 1Page - Analog Devices AD5751 Datasheet HTML 2Page - Analog Devices AD5751 Datasheet HTML 3Page - Analog Devices AD5751 Datasheet HTML 4Page - Analog Devices AD5751 Datasheet HTML 5Page - Analog Devices AD5751 Datasheet HTML 6Page - Analog Devices AD5751 Datasheet HTML 7Page - Analog Devices AD5751 Datasheet HTML 8Page - Analog Devices AD5751 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AD5751
Preliminary Technical Data
Rev. PrA | Page 4 of 22
SPECIFICATIONS
AVDD=12V (+/-10%) to +60V (MAX) , DVCC =2.7 V to 5.5 V, GND = 0 V. RL = 2 kΩ, CL = 200 pF, IOUT : RL = 300Ω,
HL =
50mH All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Value1
Unit
Test Conditions/Comments
INPUT VOLTAGE RANGE
0 to 4.096
V
Input Leakage Current
1
uA max
VOLTAGE OUTPUT
Output Voltage Ranges
0 to 5
V
0 to 10
V
AVDD needs to have minimum 1.1v headroom, or
>11.1v.
0 to 40
V
ACCURACY
Output unloaded
Unipolar Output
Total Unadjusted Error (TUE)
0.1
% FSR max
Over temperature and supplies.
Relative Accuracy (INL)
±0.02
% FSR max
Offset Error
0.015
% FSR max
Error at analog input = 100mv (?)
Zero Scale Error
TBD
% FSR max
Error at analog input = 0.0v
Zero Scale TC
TBD
ppm % FSR max
Gain Error
0.005
% FSR max
(Ideal Span – Measured Span)/Ideal Span
Gain Error TC
TBD
ppm % FSR max
Full Scale Error
0.015
% FSR max
Error at analog input = 4.096v (FS)
Full Scale Error TC
TBD
ppm % FSR max
Short-Circuit Current
15
mA max
Load Conditions
Resistance
1
K Ohm min
For Specified Performance, 0-5v, 0-10v ranges.
Resistance
5
K Ohm min
For Specified Performance, 0-40v ranges.
Capacitance Load Stability
RL = ∞
20
nF max
RL = 2 kΩ
TBD
nF max
RL = ∞
1
μF max
External compensation capacitor of 4nF connected.
0.1% Settling Time
10
us
Specified with 200pF load
Slew Rate
1
V/μs typ
Output Noise
TBD
80
μV rms max
μV rms max
0.1 Hz to 10 Hz Bandwidth
100 kHz Bandwidth
Output Noise Spectral Density
100
nV/√Hz typ
Measured at 10KHz
DC Output Impedance
0.3
Ω typ
DC PSRR
10
μV/V
AC PSRR
TBD
dB
200mV 50/60Hz Sinewavesuperimposed on power
supply voltage.
Power-On Glitch Energy
10
nV-sec typ
CURRENT OUTPUT
Output Current Ranges
0 to 24
mA
0 to 20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com