Electronic Components Datasheet Search
  English  ▼

X  

AD5751 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5751
Description  Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5751 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5751 Datasheet HTML 12Page - Analog Devices AD5751 Datasheet HTML 13Page - Analog Devices AD5751 Datasheet HTML 14Page - Analog Devices AD5751 Datasheet HTML 15Page - Analog Devices AD5751 Datasheet HTML 16Page - Analog Devices AD5751 Datasheet HTML 17Page - Analog Devices AD5751 Datasheet HTML 18Page - Analog Devices AD5751 Datasheet HTML 19Page - Analog Devices AD5751 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
AD5751
Preliminary Technical Data
Rev. PrA | Page 16 of 22
0
1
0
1
0
0-12.0V (20% over range)
0
1
0
1
1
N/A. If selected output will drive 0V.
0
1
1
0
0
N/A. If selected output will drive 0V.
0
1
1
0
1
N/A. If selected output will drive 0V.
0
1
1
1
0
0-40V
0
1
1
1
1
0-48V
1
0
0
0
0
4-20MA
Internal Current Sense Resistor.
1
0
0
0
1
0-20MA
Internal Current Sense Resistor.
1
0
0
1
0
0-24MA
Internal Current Sense Resistor.
1
0
0
1
1
N/A. Output will revert to CLEAR condition.
1
0
1
0
0
N/A. Output will revert to CLEAR condition.
1
0
1
0
1
0-5V
1
0
1
1
0
0-10V
1
0
1
1
1
N/A. If selected output will drive 0V.
1
1
0
0
0
N/A. If selected output will drive 0V.
1
1
0
0
1
0-6.0V (20% over range)
1
1
0
1
0
0-12.0V (20% over range)
1
1
0
1
1
N/A. If selected output will drive 0V.
1
1
1
0
0
N/A. If selected output will drive 0V.
1
1
1
0
1
3.92ma – 20.4ma
Internal Current Sense Resistor.
1
1
1
1
0
0ma – 20.4ma
Internal Current Sense Resistor.
1
1
1
1
1
0ma – 24.5ma
Internal Current Sense Resistor.
Reset
Resets the part to its Power on State
Readback Operation
Readback mode is invoked by selecting the correct device address (A2,A1,A0) and then setting the R/W bit to 1. By default the SDO pin is
disabled, after having addressed the AD5751 for a read operation, setting R/W to 1 will enable the SDO pin and SDO data will be clocked
out on the 5th rising edge of SCLK. After the data has been clocked out on SDO, a rising edge on SYNC will disable (tri- state) the SDO
pin once again. STATUS and CONTROL register data will be both available during the same read cycle. See Table 7 below.
Table 7. Input Shift Register Contents for a read operation
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
1
0
R3
R2
R1
R0
CLRSEL
OUTEN
RSEL
PEC Error Bit
OVER TEMP
IOUT Fault
Vout Fault
The STATUS bits are 5 read only bits. They are used to notify the user of specific fault conditions that have arisen, such as open or short
circuit on the output, over temperature, interface error or a range error. If any one of these fault conditions are set then a general fault
error bit is set (bit D5). This bit also sets a FAULT pin which can be used as a hardware interrupt to the controller.
Full explanation of fault conditions are given in the Features sections.
Table 9. STATUS Bits Options
Option
Description
PEC ERROR
Bit Set if there is an Interface Error detected by CRC-8 Error Checking. See features section.
VOUT FAULT
Bit set if there is a short Circuit on VOUT pin.
IOUT FAULT
Bit set is there is an open circuit on IOUT pin.
OVER TEMP
This bit will be set if the AD5750 core temperature exceeds approx. 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com