Electronic Components Datasheet Search
  English  ▼

X  

AD5751 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5751
Description  Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5751 Datasheet(HTML) 1 Page - Analog Devices

  AD5751 Datasheet HTML 1Page - Analog Devices AD5751 Datasheet HTML 2Page - Analog Devices AD5751 Datasheet HTML 3Page - Analog Devices AD5751 Datasheet HTML 4Page - Analog Devices AD5751 Datasheet HTML 5Page - Analog Devices AD5751 Datasheet HTML 6Page - Analog Devices AD5751 Datasheet HTML 7Page - Analog Devices AD5751 Datasheet HTML 8Page - Analog Devices AD5751 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Industrial I/V Output Driver,
Single Supply, 60v Compliance,
Programmable Ranges
Preliminary Technical Data
AD5751
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Current Output Ranges: 4–20mA, 0–20mA or 0–24mA,
0.1% Total Unadjusted Error (TUE)
5ppm/°C Output Drift
60V MAX IOUT Compliance Voltage
Voltage Output Ranges: 0-5V, 0-10V, 0-40v
20% over-range
0.1% Total Unadjusted Error (TUE)
Flexible Serial Digital Interface
On-Chip Output Fault Detection
PEC Error Checking
Asynchronous CLEAR Function
Power Supply Range
AVDD : = +12V to +60V (MAX)
Output Loop Compliance to AVDD – 2.5 V
Temperature Range: -40°C to +105°C
LFCSP Packages
APPLICATIONS
Process Control
Actuator Control
PLC
GENERAL DESCRIPTION
The AD5751 is a single channel, low-cost, precision,
voltage/current output driver with hardware or software
programmable output ranges. The software ranges are
configured via an SPI/Microwire compatible serial interface.
The AD5751 targets applications in PLC and industrial process
control. The analog input to the AD5751 is provided from a
low voltage, single supply digital-to-analog converter and is
internally conditioned to provide the desired output
current/voltage range.
The output current range is programmable across three current
ranges -
4–20mA, 0–20mA or 0–24mA.
Voltage output is provided from a separate pin that can be
configured to provide 0V to 5V, 0V to 10V and 0-40V output
ranges. An over-range of 10% is available on the voltage
ranges.
Analog outputs are short and open circuit protected and can
drive capacitive loads of 1uF and inductive loads of 0.1H.
The device is specified to operate with a power supply range
from 12 V to
60 V. Output loop compliance is 0 V to AV
DD –
2.5 V.
The flexible serial interface is SPI and MICROWIRE
compatible and can be operated in 3-wire mode to minimize the
digital isolation required in isolated applications. The interface
also features an optional PEC error checking feature using
CRC-8 error checking, useful in industrial environments where
data communication corruption can occur.
The device also includes a power-on-reset function ensuring
that the device powers up in a known state and an
asynchronous CLEAR pin which sets the outputs to zero-scale /
mid-scale voltage output or the low end of the selected current
range.
A HW SELECT pin is used to configure the part for hardware
or software mode on power up.
The total output error is typically
±0.1% in both current mode
and voltage mode.
Table 1. Related Devices
Part Number
Description
AD5422
Single Channel, 16-Bit, Serial
Input Current Source and
Voltage Output DAC


Similar Part No. - AD5751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5751 AD-AD5751 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
AD5751 AD-AD5751 Datasheet
623Kb / 32P
Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
1/2018-Rev. C to Rev. D
AD5751ACPZ AD-AD5751ACPZ Datasheet
623Kb / 32P
Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
1/2018-Rev. C to Rev. D
AD5751ACPZ-REEL7 AD-AD5751ACPZ-REEL7 Datasheet
623Kb / 32P
Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
1/2018-Rev. C to Rev. D
AD5751BCPZ AD-AD5751BCPZ Datasheet
623Kb / 32P
Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
1/2018-Rev. C to Rev. D
More results

Similar Description - AD5751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5749 AD-AD5749 Datasheet
393Kb / 28P
Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
ORing Industrial Networ...
RPM-130-AC ORING-RPM-130-AC Datasheet
915Kb / 4P
130Watts single output industrial chassis power supply
logo
Analog Devices
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
Industrial Current Out Driver, Single-Supply
1/2018-Rev. C to Rev. D
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
1/2018-Rev. C to Rev. D
logo
Good Will Instrument Co...
PPS-3635 GWINSTEK-PPS-3635 Datasheet
107Kb / 1P
SINGLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
Maxim Integrated Produc...
MAX14832 MAXIM-MAX14832 Datasheet
781Kb / 20P
One-Time Programmable Industrial Sensor Output Driver
19-6847; Rev 4; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com