Electronic Components Datasheet Search
  English  ▼

X  

AD5751 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5751
Description  Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5751 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5751 Datasheet HTML 13Page - Analog Devices AD5751 Datasheet HTML 14Page - Analog Devices AD5751 Datasheet HTML 15Page - Analog Devices AD5751 Datasheet HTML 16Page - Analog Devices AD5751 Datasheet HTML 17Page - Analog Devices AD5751 Datasheet HTML 18Page - Analog Devices AD5751 Datasheet HTML 19Page - Analog Devices AD5751 Datasheet HTML 20Page - Analog Devices AD5751 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Preliminary Technical Data
AD5751
Rev. PrA | Page 17 of 22
HARDWARE CONTROL:
Hardware control is enabled by connecting the HW SELECT pin to DVCC. In this mode, pins R3,R2,R1,R0 along with RSEL pin are used
to configure the output range as per Table.
RSEL
R3
R2
R1
R0
Output Configuration
0
0
0
0
0
4-20MA
External Current Sense Resistor 15k ohm.
0
0
0
0
1
0-20MA
External Current Sense Resistor 15k ohm.
0
0
0
1
0
0-24MA
External Current Sense Resistor 15k ohm.
0
0
0
1
1
N/A. If selected output will drive 0V.
0
0
1
0
0
N/A. If selected output will drive 0V.
0
0
1
0
1
0-5V
0
0
1
1
0
0-10V
0
0
1
1
1
N/A. If selected output will drive 0V.
0
1
0
0
0
N/A. If selected output will drive 0V.
0
1
0
0
1
0-6.0V (20% over range)
0
1
0
1
0
0-12.0V (20% over range)
0
1
0
1
1
N/A. If selected output will drive 0V.
0
1
1
0
0
N/A. If selected output will drive 0V.
0
1
1
0
1
N/A. If selected output will drive 0V.
0
1
1
1
0
0-40V
0
1
1
1
1
0-44V
1
0
0
0
0
4-20MA
Internal Current Sense Resistor.
1
0
0
0
1
0-20MA
Internal Current Sense Resistor.
1
0
0
1
0
0-24MA
Internal Current Sense Resistor.
1
0
0
1
1
N/A. If selected output will drive 0V.
1
0
1
0
0
N/A. If selected output will drive 0V.
1
0
1
0
1
0-5V
1
0
1
1
0
0-10V
1
0
1
1
1
N/A. If selected output will drive 0V.
1
1
0
0
0
N/A. If selected output will drive 0V.
1
1
0
0
1
0-6.0V (20% over range)
1
1
0
1
0
0-12.0V (20% over range)
1
1
0
1
1
N/A. If selected output will drive 0V.
1
1
1
0
0
N/A. If selected output will drive 0V.
1
1
1
0
1
3.92ma – 20.4ma
Internal Current Sense Resistor.
1
1
1
1
0
0ma – 20.4ma
Internal Current Sense Resistor.
1
1
1
1
1
0ma – 24.5ma
Internal Current Sense Resistor.
In hardware mode there is no status register. The fault conditions; open circuit, short circuit and over temperature are available on pins
IFAULT, VFAULT and TEMP. If any one of these fault conditions are set then a low is asserted on the specific fault pin. IFAULT, VFAULT
and TEMP are open drain outputs and therefore can be connected together to allow the user generate one interrupt to the system
controller to communicate a fault. If hardwired in this way, it will not be possible to isolate which fault occurred in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com