Electronic Components Datasheet Search
  English  ▼

X  

401C Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 401C
Description  Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

401C Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  401C Datasheet HTML 1Page - Cornell Dubilier Electronics 401C Datasheet HTML 2Page - Cornell Dubilier Electronics 401C Datasheet HTML 3Page - Cornell Dubilier Electronics 401C Datasheet HTML 4Page - Cornell Dubilier Electronics 401C Datasheet HTML 5Page - Cornell Dubilier Electronics 401C Datasheet HTML 6Page - Cornell Dubilier Electronics 401C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Type 401C –55 °C to 105 °C Low-ESR, Wide Temperature Grade
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Ratings
ESR Max.
25 ºC
120 Hz 20
kHz
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
ESR Max.
25 ºC
120 Hz 20
kHz
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog Part
Number
Cap.
(µF)
Catalog Part
Number
6.3 Vdc (9 Vdc Surge)
380000 401C384M7R5EE8 7.20
5.10
27.50
30.50 1 3/4 X 5 1/8
42000 401C423M6R3AK8 33.40 22.70
8.40
9.20
1 3/8 X 1 5/8
420000 401C424M7R5BD8 5.20
3.90
30.90
33.40
2 X 4 5/8
66000 401C663M6R3AA8 23.00 16.10
10.80
11.80 1 3/8 X 2 1/8
440000 401C444M7R5EF8 6.70
4.80
30.30
33.40 1 3/4 X 5 5/8
92000 401C923M6R3AH8 16.80 12.00
13.00
14.20 1 3/8 X 2 5/8
500000 401C504M7R5BE8 4.80
3.60
32.60
35.80
2 X 5 1/8
100000 401C104M6R3EA8 21.20 15.00
11.90
13.40 1 3/4 X 2 1/8
560000 401C564M7R5BF8 4.50
3.50
34.00
37.90
2 X 5 5/8
120000 401C124M6R3AB8 14.60 8.50
15.40
17.00 1 3/8 X 3 1/8
10 Vdc (15 Vdc Surge)
140000 401C144M6R3AJ8 12.30 7.30
17.70
19.20 1 3/8 X 3 5/8
31000 401C313M010AK8 33.40 22.70
8.40
9.20
1 3/8 X 1 5/8
150000 401C154M6R3BA8 12.70 10.30
16.40
17.20
2 X 2 1/8
50000 401C503M010AA8 23.00 16.10
10.80
11.80 1 3/8 X 2 1/8
150000 401C154M6R3EH8 15.10 10.70
15.10
16.90 1 3/4 X 2 5/8
69000 401C693M010AH8 16.80 12.00
13.00
14.20 1 3/8 X 2 5/8
170000 401C174M6R3AC8 10.80 6.40
19.70
21.30 1 3/8 X 4 1/8
81000 401C813M010EA8 21.20 13.30
11.90
13.40 1 3/4 X 2 1/8
200000 401C204M6R3AD8 9.70
5.80
21.50
23.10 1 3/8 X 4 5/8
91000 401C913M010AB8 14.60 9.50
15.40
17.00 1 3/8 X 3 1/8
200000 401C204M6R3BH8 9.30
7.30
20.50
22.10
2 X 2 5/8
110000 401C114M010AJ8 12.30 8.00
17.70
19.20 1 3/8 X 3 5/8
200000 401C204M6R3EB8 11.90 8.40
18.20
20.40 1 3/4 X 3 1/8
110000 401C114M010BA8 12.70 10.30
16.40
17.20
2 X 2 1/8
230000 401C234M6R3AE8 9.00
5.40
23.30
24.90 1 3/8 X 5 1/8
120000 401C124M010EH8 15.10 9.50
15.10
16.90 1 3/4 X 2 5/8
250000 401C254M6R3BB8 7.40
5.80
24.20
26.00
2 X 3 1/8
130000 401C134M010AC8 10.80 7.10
19.70
21.30 1 3/8 X 4 1/8
250000 401C254M6R3EJ8 10.00 7.10
20.50
22.80 1 3/4 X 3 5/8
150000 401C154M010AD8
9.70
6.40
21.50
23.10 1 3/8 X 4 5/8
260000 401C264M6R3AF8 8.40
5.10
25.10
26.70 1 3/8 X 5 5/8
150000 401C154M010BH8
9.30
7.30
20.50
22.10
2 X 2 5/8
290000 401C294M6R3EC8 8.70
6.20
22.60
25.20 1 3/4 X 4 1/8
150000 401C154M010EB8 11.90 7.50
18.20
20.40 1 3/4 X 3 1/8
310000 401C314M6R3BJ8 6.50
4.90
26.60
28.80
2 X 3 5/8
170000 401C174M010AE8
9.00
5.90
23.30
24.90 1 3/8 X 5 1/8
350000 401C354M6R3ED8 7.80
5.60
25.00
27.80 1 3/4 X 4 5/8
180000 401C184M010EJ8 10.00 6.30
20.50
22.80 1 3/4 X 3 5/8
370000 401C374M6R3BC8 5.70
4.30
29.00
30.80
2 X 4 1/8
190000 401C194M010AF8
8.40
5.60
25.10
26.70 1 3/8 X 5 5/8
390000 401C394M6R3EE8 7.20
5.10
27.50
30.50 1 3/4 X 5 1/8
190000 401C194M010BB8
7.40
5.80
24.20
26.00
2 X 3 1/8
420000 401C424M6R3BD8 5.20
3.90
30.90
33.40
2 X 4 5/8
230000 401C234M010EC8
8.70
5.50
22.60
25.20 1 3/4 X 4 1/8
440000 401C444M6R3EF8 6.70
4.80
30.30
33.40 1 3/4 X 5 5/8
240000 401C244M010BJ8
6.50
4.90
26.60
28.80
2 X 3 5/8
510000 401C514M6R3BE8 4.80
3.60
32.60
35.80
2 X 5 1/8
260000 401C264M010ED8
7.80
5.00
25.00
27.80 1 3/4 X 4 5/8
570000 401C574M6R3BF8 4.50
3.50
34.00
37.90
2 X 5 5/8
280000 401C284M010BC8
5.70
4.30
29.00
30.80
2 X 4 1/8
7.5 Vdc (10 Vdc Surge)
290000 401C294M010EE8
7.20
4.60
27.50
30.50 1 3/4 X 5 1/8
41000 401C413M7R5AK8 33.40 22.70
8.40
9.20
1 3/8 X 1 5/8
330000 401C334M010BD8
5.20
3.90
30.90
33.40
2 X 4 5/8
62000 401C623M7R5AA8 23.00 16.10
10.80
11.80 1 3/8 X 2 1/8
340000 401C344M010EF8
6.70
4.30
30.30
33.40 1 3/4 X 5 5/8
90000 401C903M7R5AH8 16.80 12.00
13.00
14.20 1 3/8 X 2 5/8
390000 401C394M010BE8
4.80
3.60
32.60
35.80
2 X 5 1/8
100000 401C104M7R5EA8 21.20 15.00
11.90
13.40 1 3/4 X 2 1/8
440000 401C444M010BF8
4.50
3.50
34.00
37.90
2 X 5 5/8
120000 401C124M7R5AB8 14.60 9.50
15.40
17.00 1 3/8 X 3 1/8
16 Vdc (24 Vdc Surge)
140000 401C144M7R5AJ8 12.30 8.00
17.70
19.20 1 3/8 X 3 5/8
20000 401C203M016AK8 34.70 23.00
8.30
9.10
1 3/8 X 1 5/8
140000 401C144M7R5BA8 12.70 10.30
16.40
17.20
2 X 2 1/8
33000 401C333M016AA8 23.90 16.30
10.60
11.70 1 3/8 X 2 1/8
150000 401C154M7R5EH8 15.10 10.70
15.10
16.90 1 3/4 X 2 5/8
46000 401C463M016AH8 17.40 11.20
12.80
14.20 1 3/8 X 2 5/8
170000 401C174M7R5AC8 10.80 7.10
19.70
21.30 1 3/8 X 4 1/8
53000 401C533M016EA8 21.50 15.90
11.80
13.30 1 3/4 X 2 1/8
190000 401C194M7R5AD8 9.70
6.40
21.50
23.10 1 3/8 X 4 5/8
60000 401C603M016AB8 14.90 8.90
15.20
16.90 1 3/8 X 3 1/8
190000 401C194M7R5BH8 9.30
7.30
20.50
22.10
2 X 2 5/8
74000 401C743M016AJ8 12.50 7.50
17.50
19.10 1 3/8 X 3 5/8
190000 401C194M7R5EB8 11.90 8.40
18.20
20.40 1 3/4 X 3 1/8
75000 401C753M016BA8 12.70 10.20
16.40
17.40
2 X 2 1/8
230000 401C234M7R5AE8 9.00
5.90
23.30
24.90 1 3/8 X 5 1/8
78000 401C783M016EH8 15.30 11.30
14.90
16.80 1 3/4 X 2 5/8
240000 401C244M7R5EJ8 10.00 7.10
20.50
22.80 1 3/4 X 3 5/8
89000 401C893M016AC8 11.00 6.60
19.50
21.20 1 3/8 X 4 1/8
250000 401C254M7R5AF8 8.40
5.60
25.10
26.70 1 3/8 X 5 5/8
100000 401C104M016AD8
9.40
7.30
20.40
22.10
2 X 2 5/8
250000 401C254M7R5BB8 7.40
5.80
24.20
26.00
2 X 3 1/8
100000 401C104M016BH8 12.00 8.90
18.10
20.30 1 3/4 X 3 1/8
290000 401C294M7R5EC8 8.70
6.20
22.60
25.20 1 3/4 X 4 1/8
100000 401C104M016EB8
9.90
6.00
21.30
23.00 1 3/8 X 4 5/8
300000 401C304M7R5BJ8 6.50
4.90
26.60
28.80
2 X 3 5/8
120000 401C124M016AE8
9.10
5.50
23.10
24.80 1 3/8 X 5 1/8
340000 401C344M7R5ED8 7.80
5.60
25.00
27.80 1 3/4 X 4 5/8
130000 401C134M016AF8
8.60
5.20
24.90
26.60 1 3/8 X 5 5/8
370000 401C374M7R5BC8 5.70
4.30
29.00
30.80
2 X 4 1/8
130000 401C134M016BB8
7.50
5.80
24.00
26.00
2 X 3 1/8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com