Electronic Components Datasheet Search
  English  ▼

X  

401C Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 401C
Description  Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

401C Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  401C Datasheet HTML 1Page - Cornell Dubilier Electronics 401C Datasheet HTML 2Page - Cornell Dubilier Electronics 401C Datasheet HTML 3Page - Cornell Dubilier Electronics 401C Datasheet HTML 4Page - Cornell Dubilier Electronics 401C Datasheet HTML 5Page - Cornell Dubilier Electronics 401C Datasheet HTML 6Page - Cornell Dubilier Electronics 401C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Type 401C –55 °C to 105 °C Low-ESR, Wide Temperature Grade
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog Part
Number
Cap.
(µF)
Catalog Part
Number
130000 401C134M016EJ8 10.10
7.50
20.30
22.80
1 3/4 X 3 5/8
66000 401C663M025AD8 10.70
6.80
20.40
22.80
1 3/8 X 4 5/8
150000 401C154M016EC8
8.80
6.60
22.50
25.10
1 3/4 X 4 1/8
66000 401C663M025EB8 12.80
8.80
17.50
20.20
1 3/4 X 3 1/8
160000 401C164M016BJ8
6.60
5.00
26.40
28.80
2 X 3 5/8
75000 401C753M025AE8
9.90
6.30
22.20
24.60
1 3/8 X 5 1/8
170000 401C174M016ED8
7.90
6.00
24.90
27.70
1 3/4 X 4 5/8
81000 401C813M025EJ8 10.70
7.40
19.70
22.60
1 3/4 X 3 5/8
180000 401C184M016BC8
5.80
4.40
28.80
30.70
2 X 4 1/8
83000 401C833M025BB8
8.00
6.10
23.40
25.80
2 X 3 1/8
190000 401C194M016EE8
7.30
5.50
27.40
30.40
1 3/4 X 5 1/8
84000 401C843M025AF8
9.20
5.90
23.90
26.40
1 3/8 X 5 5/8
220000 401C224M016BD8
5.20
4.00
30.70
33.30
2 X 4 5/8
96000 401C963M025EC8
9.30
6.50
21.80
25.00
1 3/4 X 4 1/8
220000 401C224M016EF8
6.80
5.20
30.10
33.40
1 3/4 X 5 5/8
100000 401C104M025BJ8
7.00
5.10
25.70
28.60
2 X 3 5/8
260000 401C264M016BE8
4.80
3.70
32.40
35.70
2 X 5 1/8
110000 401C114M025ED8
8.40
5.80
24.20
27.50
1 3/4 X 4 5/8
280000 401C284M016BF8
4.60
3.50
33.80
37.90
2 X 5 5/8
120000 401C124M025BC8
6.10
4.50
28.10
30.60
2 X 4 1/8
20 Vdc (30 Vdc Surge)
130000 401C134M025EE8
7.70
5.30
26.60
30.20
1 3/4 X 5 1/8
17000 401C173M020AK8 37.90 23.70
8.40
9.10
1 3/8 X 1 5/8
140000 401C144M025BD8
5.50
4.10
29.90
33.20
2 X 4 5/8
26000 401C263M020AA8 26.00 16.80
10.90
11.70
1 3/8 X 2 1/8
140000 401C144M025EF8
7.10
5.00
29.30
33.20
1 3/4 X 5 5/8
33000 401C333M020AH8 18.90 12.40
13.20
14.10
1 3/8 X 2 5/8
160000 401C164M025BE8
5.10
3.80
31.70
35.60
2 X 5 1/8
45000 401C453M020EA8 22.30 15.50
11.60
13.30
1 3/4 X 2 1/8
180000 401C184M025BF8
4.80
3.60
33.10
37.70
2 X 5 5/8
50000 401C503M020AB8 15.60
9.90
15.10
16.80
1 3/8 X 3 1/8
40 Vdc (60 Vdc Surge)
58000 401C583M020BA8 13.20 10.40
16.10
17.30
2 X 2 1/8
8200
401C822M040AK8 44.20 25.90
7.60
8.80
1 3/8 X 1 5/8
61000 401C613M020AJ8 13.10
8.30
17.10
19.00
1 3/8 X 3 5/8
12000 401C123M040AA8 30.20 18.30
9.70
11.40
1 3/8 X 2 1/8
64000 401C643M020EH8 15.80 11.00
14.70
16.80
1 3/4 X 2 5/8
20000 401C203M040EA8 24.70 16.50
11.00
13.10
1 3/4 X 2 1/8
73000 401C733M020AC8 11.50
7.30
19.10
21.10
1 3/8 X 4 1/8
22000 401C223M040AH8 22.10 13.60
11.90
13.80
1 3/8 X 2 5/8
82000 401C823M020BH8
9.80
7.50
20.10
22.00
2 X 2 5/8
23000 401C233M040AB8 17.80 10.70
13.70
16.50
1 3/8 X 3 1/8
84000 401C843M020EB8 12.40
8.70
17.80
20.30
1 3/4 X 3 1/8
27000 401C273M040BA8 14.70 11.10
15.10
17.10
2 X 2 1/8
85000 401C853M020AD8 10.30
6.60
20.90
22.90
1 3/8 X 4 5/8
28000 401C283M040AJ8 14.90
9.00
15.20
18.60
1 3/8 X 3 5/8
96000 401C963M020AE8
9.50
6.10
22.60
24.70
1 3/8 X 5 1/8
30000 401C303M040EH8 17.50 11.70
13.90
16.50
1 3/4 X 2 5/8
100000 401C104M020AF8 10.40
7.30
20.00
22.70
1 3/4 X 3 5/8
34000 401C343M040AC8 13.00
7.90
16.50
20.70
1 3/8 X 4 1/8
100000 401C104M020BB8
7.70
5.90
23.70
25.90
2 X 3 1/8
38000 401C383M040BH8 10.80
8.00
19.00
21.80
2 X 2 5/8
100000 401C104M020EJ8
8.90
5.80
24.40
26.50
1 3/8 X 5 5/8
39000 401C393M040AD8 11.60
7.10
18.10
22.50
1 3/8 X 4 5/8
120000 401C124M020EC8
9.10
6.40
22.10
25.00
1 3/4 X 4 1/8
39000 401C393M040EB8 13.70
9.20
16.90
20.00
1 3/4 X 3 1/8
130000 401C134M020BJ8
6.80
5.00
26.00
28.70
2 X 3 5/8
45000 401C453M040AE8 10.70
6.60
19.70
24.30
1 3/8 X 5 1/8
140000 401C144M020ED8
8.10
5.70
24.50
27.60
1 3/4 X 4 5/8
49000 401C493M040EJ8 11.40
7.70
19.10
22.50
1 3/4 X 3 5/8
150000 401C154M020BC8
6.00
4.50
28.50
30.70
2 X 4 1/8
50000 401C503M040BB8
8.60
6.30
22.50
25.70
2 X 3 1/8
160000 401C164M020EE8
7.50
5.30
27.00
30.30
1 3/4 X 5 1/8
50000 401C503M040AF8
9.90
6.20
21.30
26.10
1 3/8 X 5 5/8
170000 401C174M020BD8
5.40
4.00
30.30
33.20
2 X 4 5/8
58000 401C583M040EC8
9.90
6.70
21.10
24.80
1 3/4 X 4 1/8
180000 401C184M020EF8
7.00
4.90
29.70
33.30
1 3/4 X 5 5/8
61000 401C613M040BJ8
7.50
5.30
25.00
28.40
2 X 3 5/8
220000 401C224M020BE8
4.90
3.70
32.10
35.70
2 X 5 1/8
68000 401C683M040ED8
8.90
6.00
23.40
27.40
1 3/4 X 4 5/8
240000 401C244M020BF8
4.70
3.50
33.50
37.80
2 X 5 5/8
73000 401C733M040BC8
6.50
4.70
27.00
30.40
2 X 4 1/8
25 Vdc (35 Vdc Surge)
77000 401C773M040EE8
8.10
5.50
25.90
30.00
1 3/4 X 5 1/8
13000 401C133M025AK8 41.00 24.40
8.10
9.00
1 3/8 X 1 5/8
84000 401C843M040BD8
5.90
4.20
29.10
33.00
2 X 4 5/8
20000 401C203M025AA8 28.10 17.20
10.50
11.60
1 3/8 X 2 1/8
86000 401C863M040EF8
7.60
5.20
28.50
33.00
1 3/4 X 5 5/8
33000 401C333M025AH8 20.30 12.80
12.80
14.00
1 3/8 X 2 5/8
100000 401C104M040BE8
5.40
3.90
30.90
35.40
2 X 5 1/8
35000 401C353M025EA8 23.00 15.80
11.40
13.20
1 3/4 X 2 1/8
110000 401C114M040BF8
5.10
3.70
31.80
37.50
2 X 5 5/8
38000 401C383M025AB8 16.30 10.10
14.60
16.70
1 3/8 X 3 1/8
50 Vdc (75 Vdc Surge)
45000 401C453M025BA8 13.60 10.60
15.90
17.30
2 X 2 1/8
5600
401C562M050AK8 46.60 27.30
7.20
8.40
1 3/8 X 1 5/8
48000 401C483M025AJ8 13.60
8.50
16.70
18.90
1 3/8 X 3 5/8
8400
401C842M050AA8 30.20 19.30
9.20
10.80
1 3/8 X 2 1/8
50000 401C503M025EH8 16.30 11.20
14.40
16.70
1 3/4 X 2 5/8
11000 401C113M050AH8 22.50 14.30
11.60
13.10
1 3/8 X 2 5/8
57000 401C573M025AC8 11.90
7.50
18.70
21.00
1 3/8 X 4 1/8
14000 401C143M050EA8 28.30 18.90
10.00
11.80
1 3/4 X 2 1/8
63000 401C633M025BH8 10.10
7.60
19.80
21.90
2 X 2 5/8
15000 401C153M050AB8 18.10 11.30
13.40
15.70
1 3/8 X 3 1/8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com