Electronic Components Datasheet Search
  English  ▼

X  

401C Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 401C
Description  Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

401C Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  401C Datasheet HTML 1Page - Cornell Dubilier Electronics 401C Datasheet HTML 2Page - Cornell Dubilier Electronics 401C Datasheet HTML 3Page - Cornell Dubilier Electronics 401C Datasheet HTML 4Page - Cornell Dubilier Electronics 401C Datasheet HTML 5Page - Cornell Dubilier Electronics 401C Datasheet HTML 6Page - Cornell Dubilier Electronics 401C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Type 401C –55 °C to 105 °C Low-ESR, Wide Temperature Grade
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog Part
Number
Cap.
(µF)
Catalog Part
Number
18000 401C183M050BA8 18.70 14.40
12.40
14.80
2 X 2 1/8
75 Vdc (100 Vdc Surge)
19000 401C193M050AJ8 15.10
9.50
14.60
17.80
1 3/8 X 3 5/8
2500 401C252M075AK8 93.80 46.00
5.70
6.40
1 3/8 X 1 5/8
20000 401C203M050EH8 20.00 13.40
12.70
15.00
1 3/4 X 2 5/8
4100 401C412M075AA8 59.00 29.10
7.60
8.60
1 3/8 X 2 1/8
23000 401C233M050AC8 13.00
8.30
15.30
19.90
1 3/8 X 4 1/8
6600 401C662M075AH8 39.80 19.70
9.70
10.70
1 3/8 X 2 5/8
26000 401C263M050BH8 13.70 10.20
15.90
18.90
2 X 2 5/8
7900 401C792M075EA8 41.00 21.20
9.00
10.70
1 3/4 X 2 1/8
27000 401C273M050AD8 12.20
7.40
16.70
21.70
1 3/8 X 4 5/8
8200 401C822M075AB8 30.30 15.10
11.40
13.10
1 3/8 X 3 1/8
27000 401C273M050EB8 15.60 10.50
15.50
18.20
1 3/4 X 3 1/8
10000 401C103M075BA8 30.80 17.50
9.00
14.30
2 X 2 1/8
30000 401C303M050AE8 11.20
6.80
18.10
23.40
1 3/8 X 5 1/8
10000 401C103M075AJ8 24.60 12.40
12.20
15.00
1 3/8 X 3 5/8
33000 401C333M050EJ8 13.00
8.80
17.60
20.50
1 3/4 X 3 5/8
11000 401C113M075EH8 28.70 14.90
11.40
13.60
1 3/4 X 2 5/8
34000 401C343M050AF8 10.40
6.40
19.40
25.20
1 3/8 X 5 5/8
12000 401C123M075AC8 20.90 10.70
12.90
17.00
1 3/8 X 4 1/8
34000 401C343M050BB8 10.80
8.10
18.90
22.40
2 X 3 1/8
14000 401C143M075BH8 18.30
9.40
14.20
18.70
1 3/8 X 4 5/8
39000 401C393M050EC8 11.20
7.60
19.50
22.70
1 3/4 X 4 1/8
14000 401C143M075AD8 21.70 12.30
13.00
17.80
2 X 2 5/8
41000 401C413M050BJ8
9.30
6.80
22.60
25.00
2 X 3 5/8
15000 401C153M075EB8 22.30 11.70
13.90
16.60
1 3/4 X 3 1/8
46000 401C463M050ED8 10.00
6.80
21.70
25.20
1 3/4 X 4 5/8
16000 401C163M075AE8 16.30
8.50
15.50
20.40
1 3/8 X 5 1/8
50000 401C503M050BC8 8.10
5.90
24.30
26.90
2 X 4 1/8
18000 401C183M075BB8 14.90
7.90
16.90
22.20
1 3/8 X 5 5/8
52000 401C523M050EE8 9.10
6.20
24.10
27.80
1 3/4 X 5 1/8
18000 401C183M075EJ8 18.30
9.70
15.80
18.70
1 3/4 X 3 5/8
58000 401C583M050EF8 8.40
5.80
26.60
30.60
1 3/4 X 5 5/8
18000 401C183M075AF8 16.80
9.70
15.40
21.60
2 X 3 1/8
58000 401C583M050BD8 7.20
5.30
26.10
29.20
2 X 4 5/8
22000 401C223M075EC8 15.70
8.30
17.60
20.80
1 3/4 X 4 1/8
60000 401C603M050BE8 6.50
4.80
28.00
31.70
2 X 5 1/8
23000 401C233M075BJ8 13.90
8.10
21.30
24.10
2 X 3 5/8
70000 401C703M050BF8 6.10
4.50
28.90
33.90
2 X 5 5/8
25000 401C253M075ED8 13.80
7.40
19.70
23.20
1 3/4 X 4 5/8
63 Vdc (90 Vdc Surge)
27000 401C273M075BC8 12.00
7.00
20.40
26.00
2 X 4 1/8
4800 401C482M063AK8 50.00 28.20
6.90
8.30
1 3/8 X 1 5/8
28000 401C283M075EE8 12.40
6.70
21.80
25.70
1 3/4 X 5 1/8
7200 401C722M063AA8 32.40 19.60
8.90
10.70
1 3/8 X 2 1/8
31000 401C313M075BD8 10.60
6.20
22.30
28.30
2 X 4 5/8
11000 401C113M063AH8 24.10 14.70
11.20
13.00
1 3/8 X 2 5/8
33000 401C333M075EF8 12.80
6.20
24.30
28.40
1 3/4 X 5 5/8
12000 401C123M063EA8 26.00 19.30
9.90
11.80
1 3/4 X 2 1/8
37000 401C373M075BE8 9.30
5.60
24.40
30.80
2 X 5 1/8
13000 401C133M063AB8 19.00 11.60
13.00
15.60
1 3/8 X 3 1/8
41000 401C413M075BF8 8.60
5.20
26.20
32.90
2 X 5 5/8
15000 401C153M063BA8 19.30 14.70
11.90
14.80
2 X 2 1/8
100 Vdc (140 Vdc Surge)
16000 401C163M063AJ8 15.80
9.70
14.20
17.70
1 3/8 X 3 5/8
1400 401C142M100AK8 118.00 34.70
4.30
6.20
1 3/8 X 1 5/8
17000 401C173M063EH8 18.30 13.70
12.50
14.90
1 3/4 X 2 5/8
2200 401C222M100AA8 73.10 20.90
5.90
8.50
1 3/8 X 2 1/8
19000 401C193M063AC8 13.60
8.50
14.90
19.80
1 3/8 X 4 1/8
3500 401C352M100AH8 46.50 14.00
7.50
10.60
1 3/8 X 2 5/8
22000 401C223M063BH8 14.10 10.40
15.30
18.90
2 X 2 5/8
4100 401C412M100EA8 44.70 17.50
8.00
10.30
1 3/4 X 2 1/8
23000 401C233M063EB8 12.70
7.60
16.30
21.50
1 3/8 X 4 5/8
4600 401C462M100AB8 36.00 11.00
9.10
12.90
1 3/8 X 3 1/8
23000 401C233M063AD8 14.30 10.70
15.30
18.10
1 3/4 X 3 1/8
5300 401C532M100BA8 37.50 16.50
8.20
11.90
2 X 2 1/8
26000 401C263M063AE8 11.60
7.00
17.70
23.30
1 3/8 X 5 1/8
5700 401C572M100AJ8 29.60
9.20
10.50
14.70
1 3/8 X 3 5/8
28000 401C283M063EJ8 11.90
8.90
17.30
20.40
1 3/4 X 3 5/8
6000 401C602M100EH8 31.30 12.40
10.20
13.10
1 3/4 X 2 5/8
29000 401C293M063BB8 10.80
6.60
19.10
25.10
1 3/8 X 5 5/8
6800 401C682M100AC8 25.30
8.10
11.90
16.50
1 3/8 X 4 1/8
29000 401C293M063AF8 11.10
8.20
18.10
22.40
2 X 3 1/8
7500 401C752M100BH8 26.30 11.70
10.60
15.30
2 X 2 5/8
34000 401C343M063EC8 10.30
7.70
19.20
22.60
1 3/4 X 4 1/8
7900 401C792M100EB8 22.20
7.20
13.20
18.10
1 3/8 X 4 5/8
36000 401C363M063BJ8
9.60
6.90
22.20
24.90
2 X 3 5/8
7900 401C792M100AD8 24.20
9.70
12.50
15.90
1 3/4 X 3 1/8
39000 401C393M063ED8 9.20
6.90
21.40
25.10
1 3/4 X 4 5/8
9000 401C902M100AE8 19.90
6.60
14.50
19.80
1 3/8 X 5 1/8
42000 401C423M063BC8 8.30
6.00
24.00
26.80
2 X 4 1/8
9700 401C972M100EJ8 19.90
8.10
14.10
18.00
1 3/4 X 3 5/8
45000 401C453M063EE8 8.30
6.30
23.70
27.70
1 3/4 X 5 1/8
10000 401C103M100BB8 20.40
9.20
12.60
18.20
2 X 3 1/8
50000 401C503M063BD8 7.70
5.90
26.30
30.50
1 3/4 X 5 5/8
10000 401C103M100AF8 18.10
6.20
15.80
21.40
1 3/8 X 5 5/8
50000 401C503M063EF8 7.40
5.40
25.80
29.10
2 X 4 5/8
12000 401C123M100BJ8 15.80
6.90
16.30
23.60
2 X 4 1/8
59000 401C593M063BE8 6.70
4.80
27.70
31.70
2 X 5 1/8
12000 401C123M100EC8 17.00
7.00
15.80
20.00
1 3/4 X 4 1/8
66000 401C663M063BF8 6.20
4.50
28.60
33.80
2 X 5 5/8
12000 401C123M100BC8 16.90
7.60
15.50
22.30
2 X 3 5/8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com