Electronic Components Datasheet Search
  English  ▼

X  

401C Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # 401C
Description  Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

401C Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  401C Datasheet HTML 1Page - Cornell Dubilier Electronics 401C Datasheet HTML 2Page - Cornell Dubilier Electronics 401C Datasheet HTML 3Page - Cornell Dubilier Electronics 401C Datasheet HTML 4Page - Cornell Dubilier Electronics 401C Datasheet HTML 5Page - Cornell Dubilier Electronics 401C Datasheet HTML 6Page - Cornell Dubilier Electronics 401C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Type 401C –55 °C to 105 °C Low-ESR, Wide Temperature Grade
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog Part
Number
Cap.
(µF)
Catalog Part
Number
13000 401C133M100ED8 14.90
6.20
17.60
22.20 1 3/4 X 4 5/8
2500
401C252M200EB8
89.00
58.10
8.40
10.80
2 X 2 5/8
15000 401C153M100BD8 13.40
5.70
19.60
24.60 1 3/4 X 5 1/8
2500
401C252M200AD8
81.80
54.40
7.70
11.00
1 3/8 X 4 5/8
15000 401C153M100EE8 13.60
6.30
17.90
25.60
2 X 4 5/8
2500
401C252M200BH8
80.40
55.60
7.60
10.90
1 3/4 X 3 1/8
17000 401C173M100EF8 13.80
5.30
21.80
27.20 1 3/4 X 5 5/8
2800
401C282M200AE8
75.40
49.20
8.60
12.00
1 3/8 X 5 1/8
18000 401C183M100BE8 11.80
5.50
19.80
28.10
2 X 5 1/8
3100
401C312M200EJ8
65.40
45.20
8.70
12.40
1 3/4 X 3 5/8
20000 401C203M100BF8 10.80
5.10
21.40
30.30
2 X 5 5/8
3300
401C332M200AF8
66.60
44.70
10.10
12.90
2 X 3 1/8
150 Volts (200 Volts Surge)
3300
401C332M200BB8
70.10
45.10
9.50
12.90
1 3/8 X 5 5/8
710 401C711M150AK8 342.00 245.00
2.60
3.60
1 3/8 X 1 5/8
3700
401C372M200EC8
55.20
38.20
9.80
13.90
1 3/4 X 4 1/8
1100 401C112M150AA8 228.00 164.00
3.70
5.00
1 3/8 X 2 1/8
4000
401C402M200BJ8
53.90
36.40
12.00
15.90
2 X 3 5/8
1500 401C152M150AH8 159.00 114.00
4.50
6.30
1 3/8 X 2 5/8
4400
401C442M200ED8
47.80
33.20
11.00
15.60
1 3/4 X 4 5/8
1700 401C172M150EA8 145.00 101.00
5.30
7.10
1 3/4 X 2 1/8
4800
401C482M200BC8
45.50
30.80
12.90
17.30
2 X 4 1/8
1900 401C192M150AB8 122.00 87.20
5.50
7.70
1 3/8 X 3 1/8
4900
401C492M200EE8
42.30
29.40
12.40
17.50
1 3/4 X 5 1/8
2500 401C252M150AJ8 112.00 78.80
7.00
8.60
2 X 2 1/8
5500
401C552M200EF8
42.10
27.40
14.00
18.90
2 X 4 5/8
2500 401C252M150BA8 98.80 71.00
6.40
8.90
1 3/8 X 3 5/8
5500
401C552M200BD8
38.00
26.40
13.90
19.50
1 3/4 X 5 5/8
2600 401C262M150EH8 100.00 70.30
6.70
9.00
1 3/4 X 2 5/8
6200
401C622M200BE8
37.70
24.30
14.80
20.60
2 X 5 1/8
2900 401C292M150AC8 83.40 59.90
7.40
10.20 1 3/8 X 4 1/8
7000
401C702M200BF8
34.30
21.90
15.50
22.20
2 X 5 5/8
3400 401C342M150AD8 80.20 57.00
8.90
11.00
2 X 2 5/8
250 Vdc (300 Vdc Surge)
3400 401C342M150EB8 77.00 54.00
8.30
11.10 1 3/4 X 3 1/8
380
401C381M250AK8
510.00
285.00
2.20
3.30
1 3/8 X 1 5/8
3400 401C342M150BH8 72.30 52.00
8.20
11.30 1 3/8 X 4 5/8
610
401C611M250AA8
309.00
190.00
3.10
4.70
1 3/8 X 2 1/8
3900 401C392M150AE8 63.90 46.00
9.20
12.40 1 3/8 X 5 1/8
860
401C861M250AH8
215.00
132.00
3.90
6.00
1 3/8 X 2 5/8
4200 401C422M150EJ8 62.60 43.90
9.50
12.60 1 3/4 X 3 5/8
960
401C961M250EA8
222.00
113.00
4.40
6.60
1 3/4 X 2 1/8
4400 401C442M150AF8 62.90 41.40
10.10
13.50 1 3/8 X 5 5/8
1100
401C112M250AB8
165.00
101.00
4.70
7.30
1 3/8 X 3 1/8
4500 401C452M150BB8 60.10 44.20
10.70
13.20
2 X 3 1/8
1300
401C132M250AJ8
134.00
82.50
5.50
8.30
1 3/8 X 3 5/8
5000 401C502M150EC8 52.90 37.20
10.70
14.10 1 3/4 X 4 1/8
1400
401C142M250EH8
149.00
91.20
5.90
8.30
2 X 2 1/8
5500 401C552M150BJ8 48.60 36.30
12.90
16.20
2 X 3 5/8
1400
401C142M250BA8
154.00
78.60
5.60
8.50
1 3/4 X 2 5/8
5800 401C582M150ED8 45.90 32.30
12.00
15.80 1 3/4 X 4 5/8
1700
401C172M250AC8
101.00
62.40
6.90
10.30
1 3/8 X 4 5/8
6600 401C662M150BC8 41.10 31.20
13.70
17.60
2 X 4 1/8
1700
401C172M250AD8
100.00
62.20
6.60
10.00
1 3/8 X 4 1/8
6700 401C672M150EE8 40.60 28.60
13.50
17.50 1 3/4 X 5 1/8
1800
401C182M250EB8
118.00
60.40
6.90
10.40
1 3/4 X 3 1/8
7300 401C732M150BD8 38.00 28.00
14.70
19.20
2 X 4 5/8
1900
401C192M250BH8
103.00
63.30
7.60
10.60
2 X 2 5/8
7400 401C742M150EF8 36.50 25.70
15.10
19.30 1 3/4 X 5 5/8
2000
401C202M250AE8
88.80
54.90
7.70
11.20
1 3/8 X 5 1/8
8400 401C842M150BE8 34.10 25.20
15.70
20.90
2 X 5 1/8
2300
401C232M250EJ8
79.30
49.20
8.60
12.20
1 3/8 X 5 5/8
9400 401C942M150BF8 31.00 23.00
16.80
22.60
2 X 5 5/8
2300
401C232M250AF8
96.00
49.10
7.90
11.80
1 3/4 X 3 5/8
200 Vdc (250 Vdc Surge)
2500
401C252M250BB8
79.30
48.70
9.10
12.70
2 X 3 1/8
520 401C521M200AK8 370.00 233.00
2.50
3.50
1 3/8 X 1 5/8
2800
401C282M250EC8
81.00
41.50
8.90
13.30
1 3/4 X 4 1/8
810 401C811M200AA8 247.00 156.00
3.40
4.90
1 3/8 X 2 1/8
3000
401C302M250BJ8
64.50
39.70
11.00
15.70
2 X 3 5/8
1100 401C112M200AH8 172.00 111.00
4.20
6.10
1 3/8 X 2 5/8
3100
401C312M250ED8
70.20
36.00
10.10
14.90
1 3/4 X 4 5/8
1300 401C132M200EA8 151.00 96.20
4.80
7.00
1 3/4 X 2 1/8
3600
401C362M250EE8
62.00
31.90
11.30
16.70
1 3/4 X 5 1/8
1500 401C152M200AB8 132.00 86.60
5.20
7.50
1 3/8 X 3 1/8
3700
401C372M250BC8
54.50
33.60
11.90
17.20
2 X 4 1/8
1800 401C182M200AJ8 124.00 80.80
6.60
8.40
2 X 2 1/8
3900
401C392M250EF8
55.60
28.60
12.70
18.60
1 3/4 X 5 5/8
1800 401C182M200BA8 107.00 71.80
6.00
8.80
1 3/8 X 3 5/8
4200
401C422M250BD8
47.30
29.20
12.80
18.70
2 X 4 5/8
1900 401C192M200EH8 105.00 72.40
6.20
8.90
1 3/4 X 2 5/8
4800
401C482M250BE8
41.90
25.90
13.60
20.00
2 X 5 1/8
2200 401C222M200AC8 90.20 61.80
6.90
10.10 1 3/8 X 4 1/8
5300
401C532M250BF8
37.60
23.30
14.40
21.20
2 X 5 5/8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com