Electronic Components Datasheet Search
  English  ▼

X  

AP3710 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3710
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3710 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3710 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710
Preliminary Datasheet
4
BCD Semiconductor Manufacturing Limited
Nov. 2007 Rev. 1. 2
Parameter
Value
Unit
Supply Voltage
-0.3 to 6.3
V
Voltage at OUT
-0.3 to 40
V
Analog Input at VSEN
-0.3 to 6.3
V
Output Current at OUT
Internally limited
A
Power Dissipation
0.6
W
Operating Junction Temperature
150
oC
Storage Temperature
-65 to 150
oC
Lead Temperature (Soldering, 10s)
300
oC
ESD (Machine Model)
300
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Package
Switching Frequency
Temperature Range
Part Number
Marking ID
Packing Type
SOIC-8
60kHz
-40 to 85oC
AP3710M-E1
3710M-E1
Tube
AP3710MTR-E1
3710M-E1
Tape & Reel
DIP-8
60kHz
-40 to 85oC
AP3710P-E1
AP3710P-E1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information
Circuit Type
Package
E1: Lead Free
AP3710
-
TR: Tape and Reel
Blank: Tube
M: SOIC-8
P: DIP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com