Electronic Components Datasheet Search
  English  ▼

X  

AP3710 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3710
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3710 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3710 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710
Preliminary Datasheet
7
BCD Semiconductor Manufacturing Limited
Nov. 2007 Rev. 1. 2
Figure 7. Start-up Current vs. VCC Voltage
Figure 8. Switching Frequency vs. Ambient Temperature
Typical Performance Characteristics
Figure 5. Operating Current vs. Ambient Temperature
Figure 6. Start-up Current vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
320
360
400
440
480
520
560
600
640
680
Ambient Temperature (
oC)
-40
-20
0
20
406080
100
120
120
160
200
240
280
320
360
400
Ambient Temperature (
oC)
12
34
5
0
100
200
300
400
500
V
CC
Voltage (V)
-40
-20
0
20
406080
100
120
56
58
60
62
64
66
68
70
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com