Electronic Components Datasheet Search
  English  ▼

X  

AP3710 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP3710
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3710 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3710 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710
Preliminary Datasheet
13
BCD Semiconductor Manufacturing Limited
Nov. 2007 Rev. 1. 2
Bill of Materials for Figure 19
Designator
Part Type
Designator
Part Type
R1
Resistor, NTC Resistor, 5
Ω
C1, C2
Electrolytic Capacitor, 10
µF/400V,
φ10
R2, R3
Resistor, 1M
Ω, 1206
C3
Capacitor, 2200pF, d=5mm
R4
Resistor, 68k
Ω, 1206
C4, C5
Capacitor, 10
µF, d=4.5mm
R5
Resistor, 3
Ω, 0805
C6
Capacitor, 22nF, 0805
R6
Resistor, 200
Ω, 0805
C7
Capacitor, 0.47
µF, 0805
R7
Resistor, 2k
Ω, 0805
C8
Electrolytic Capacitor, 1000
µF
R8
Resistor, 5.1M
Ω, SIP
C9
Electrolytic Capacitor, 220
µF
R9, R15, R16
Resistor, 3k
Ω, 0805
C10
Y Capacitor, 2200pF
R11
Resistor, 15
Ω, 1206
C11
Capacitor, 1nF, 0805
R13
Resistor, 1k
Ω, 0805
Q1
Transistor, APT13003, TO126
R14
Resistor, 11.4k
Ω, 0805
U3
Opto-coupler, PC817, DIP-4
D1 to D4
Diode, 1N4007, DO-41
L2
Inductor, 300
µH/0.3A
D5, D6
Diode, 1N4148, LL-34
L4
Inductor, 100
µH/1A
D7
Diode, FR107, DO-15
ZD2
Zener, 13V/1W
D8
Diode, 3100, DO-201
T1
Transformer, EE-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com