Electronic Components Datasheet Search
  English  ▼

X  

AP3710 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3710
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3710 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3710 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710
Preliminary Datasheet
1
BCD Semiconductor Manufacturing Limited
Nov. 2007 Rev. 1. 2
General Description
The AP3710 is a green-mode PWM controller, its main
applications are low power supplies such as offline
battery chargers, adapters, STB and other auxiliary
supplies, where the needs for low no load power, low
total cost and high reliability are all required.
The functional blocks of AP3710 include: under volt-
age lockout with low start-up current; precise voltage
reference for internal comparators; PWM comparator
with current limit control, feedback signal and band-
gap input; short circuit comparator and open circuit
protection for opto-coupler.
The AP3710 operates at a fixed 60kHz switching fre-
quency, its output connects to the emitter of high volt-
age NPN transistor or the source of MOSFET. In
normal mode, it works as a switch to turn on or turn off
the external transistor. In failure modes like open loop,
over voltage or overload due to short circuit, the chip
enters into an auto restart mode controlled by the inter-
nal protection unit.
The AP3710 is available in SOIC-8 and DIP-8 pack-
ages.
Features
·
Current Mode Control with Skip Cycle Capability
·
Low Start-up Current: 0.25 mA
·
Low Operating Current: 0.45mA
·
Output Current Capacity: 900 mA
·
Fixed Switching Frequency: 60 kHz
·
Frequency Dithering for Low EMI
·
Under-Voltage Lockout with Hysteresis
·
Built-in Slope Compensation
·
Short Circuit Protection
·
Open and Short Circuit Protection for Opto-
Coupler
·
Maximum Input Power is 0.2W under No Load
·
Maximum Input Power is 1W under 0.5W Load
·
Low Total Cost Solution
Applications
·
Adapters
·
Battery Chargers
·
Set Top Boxes
·
Auxiliary Supplies
·
DVD
Figure 1. Package Types of AP3710
SOIC-8
DIP-8


Similar Part No. - AP3710

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3710M-E1 BCDSEMI-AP3710M-E1 Datasheet
512Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710M-G1 BCDSEMI-AP3710M-G1 Datasheet
512Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710MTR-E1 BCDSEMI-AP3710MTR-E1 Datasheet
512Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710MTR-G1 BCDSEMI-AP3710MTR-G1 Datasheet
512Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710P-E1 BCDSEMI-AP3710P-E1 Datasheet
512Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
More results

Similar Description - AP3710

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
Low Power PWM Controller for OFF-LINE Battery Charger
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
Low-Power Off-line Digital PWM Controller
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com