Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9263 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT91SAM9263
Description  Thumb Microcontrollers
PDF  1029 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT91SAM9263 Datasheet HTML 59Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 60Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 61Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 62Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 63Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 64Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 65Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 66Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 1029 page
background image
63
6249B–ATARM–14-Dec-06
AT91SAM9263 Preliminary
12. AT91SAM9263 Debug and Test
12.1
Description
The AT91SAM9263 features a number of complementary debug and test capabilities. A com-
mon JTAG/ICE (In-Circuit Emulator) port is used for standard debugging functions, such as
downloading code and single-stepping through programs. An ETM (Embedded Trace Macro-
cell) provides more sophisticated debug features such as address and data comparators, half-
rate clock mode, counters, sequencer and FIFO. The Debug Unit provides a two-pin UART
that can be used to upload an application into internal SRAM. It manages the interrupt han-
dling of the internal COMMTX and COMMRX signals that trace the activity of the Debug
Communication Channel.
A set of dedicated debug and test input/output pins gives direct access to these capabilities
from a PC-based test environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com