Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9263 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT91SAM9263
Description  Thumb Microcontrollers
PDF  1029 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT91SAM9263 Datasheet HTML 35Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 36Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 37Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 38Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 39Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 40Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 41Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 42Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1029 page
background image
39
6249B–ATARM–14-Dec-06
AT91SAM9263 Preliminary
10.4
System Resource Multiplexing
10.4.1
LCD Controller
The LCD Controller can interface with several LCD panels. It supports 4 bits per pixel (bpp), 8
bpp or 16 bpp without limitation. Interfacing 24 bpp TFT panels prevents using the Ethernet
MAC. 16 bpp TFT panels are interfaced through peripheral B functions, as color data is output
on LCDD3 to LCDD7, LCDD11 to LCDD15 and LCDD19 to LCDD23. Intensity bit is output on
LCDD10. Using the peripheral B does not prevent using MAC lines. 16 bpp STN panels are
interfaced through peripheral A and color data is output on LCDD0 to LCDD15, thus MAC lines
can be used on peripheral B.
Mapping the LCD signals on peripheral A and peripheral B makes is possible to use 24 bpp TFT
panels in 24 bits (peripheral A) or 16 bits (peripheral B) by reprogramming the PIO controller and
thus without hardware modification.
10.4.2
ETM™
Using the ETM prevents the use of the EBI0 in 32-bit mode. Only 16-bit mode (EBI0_D0 to
EBI0_D15) is available, makes EBI0 unable to interface CompactFlash and NandFlash cards,
reduces EBI0’s address bus width which makes it unable to address memory ranges bigger than
0x7FFFFF and finally it makes impossible to use EBI0_NCS2.
10.4.3
EBI1
Using the following features prevents using EBI1 in 32-bit mode:
• the second slots of MCI0 and/or MCI1
• USART0
• DMA request 0 (DMARQ0)
10.4.4
SSC
Using SSC0 prevents using the AC97 Controller and Two-wire Interface.
Using SSC1 prevents using DMA Request 1, PWM0, PWM1, LCDCC and PCK1.
10.4.5
USART
Using USART2 prevents using EBI0’s NWAIT signal, Chip Select 4 and CompactFlash Chip
Enable 2.
Using USART1 prevents using EBI0’s Chip Select 5 and CompactFlash Chip Enable1.
10.4.6
NAND Flash
Using the NAND Flash interface prevents using NCS3, NCS6 and NCS7 to access other parallel
devices.
10.4.7
CompactFlash
Using the CompactFlash interface prevents using NCS4 and/or NCS5 to access other parallel
devices.
10.4.8
SPI0 and MCI Interface
SPI0 signals and MCI0 signals are multiplexed, as the DataFlash Card is hardware-compatible
with the SDCard. Only one can be used at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com