Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9263 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT91SAM9263
Description  Thumb Microcontrollers
PDF  1029 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT91SAM9263 Datasheet HTML 37Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 38Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 39Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 40Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 41Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 42Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 43Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 44Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 1029 page
background image
41
6249B–ATARM–14-Dec-06
AT91SAM9263 Preliminary
– Parity generation and error detection
– Framing error detection, overrun error detection
– MSB- or LSB-first
– Optional break generation and detection
– By 8 or by-16 over-sampling receiver frequency
– Hardware handshaking RTS-CTS
– Receiver time-out and transmitter timeguard
– Optional Multi-drop Mode with address generation and detection
– Optional Manchester Encoding
• RS485 with driver control signal
• ISO7816, T = 0 or T = 1 Protocols for interfacing with smart cards
– NACK handling, error counter with repetition and iteration limit
• IrDA modulation and demodulation
– Communication at up to 115.2 Kbps
• Test Modes
– Remote Loopback, Local Loopback, Automatic Echo
10.5.4
Serial Synchronous Controller
• Provides serial synchronous communication links used in audio and telecom applications
(with CODECs in Master or Slave Modes, I2S, TDM Buses, Magnetic Card Reader, etc.)
• Contains an independent receiver and transmitter and a common clock divider
• Offers a configurable frame sync and data length
• Receiver and transmitter can be programmed to start automatically or on detection of
different event on the frame sync signal
• Receiver and transmitter include a data signal, a clock signal and a frame synchronization
signal
10.5.5
AC97 Controller
• Compatible with AC97 Component Specification V2.2
• Can interface with a single analog front end
• Three independent RX Channels and three independent TX Channels
– One RX and one TX channel dedicated to the AC97 analog front end control
– One RX and one TX channel for data transfers, associated with a PDC
– One RX and one TX channel for data transfers with no PDC
• Time Slot Assigner that can assign up to 12 time slots to a channel
• Channels support mono or stereo up to 20-bit sample length
– Variable sampling rate AC97 Codec Interface (48 kHz and below)
10.5.6
Timer Counter
• Three 16-bit Timer Counter Channels
• Wide range of functions including:
– Frequency Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com