| Electronic Components Datasheet Search |
|
AT91SAM9263 Datasheet(PDF) 49 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9263 Datasheet(HTML) 49 Page - ATMEL Corporation |
|
49 / 1029 page ![]() 49 6249B–ATARM–14-Dec-06 AT91SAM9263 Preliminary The ARM state register set contains 16 directly-accessible registers, r0 to r15, and an addi- tional register, the Current Program Status Register (CPSR). Registers r0 to r13 are general- purpose registers used to hold either data or address values. Register r14 is used as a Link register that holds a value (return address) of r15 when BL or BLX is executed. Register r15 is used as a program counter (PC), whereas the Current Program Status Register (CPSR) con- tains condition code flags and the current mode bits. In privileged modes (FIQ, Supervisor, Abort, IRQ, Undefined), mode-specific banked registers (r8 to r14 in FIQ mode or r13 to r14 in the other modes) become available. The corresponding banked registers r14_fiq, r14_svc, r14_abt, r14_irq, r14_und are similarly used to hold the val- ues (return address for each mode) of r15 (PC) when interrupts and exceptions arise, or when BL or BLX instructions are executed within interrupt or exception routines. There is another register called Saved Program Status Register (SPSR) that becomes available in privileged modes instead of CPSR. This register contains condition code flags and the current mode bits saved as a result of the exception that caused entry to the current (privileged) mode. In all modes and due to a software agreement, register r13 is used as stack pointer. The use and the function of all the registers described above should obey ARM Procedure Call Standard (APCS) which defines: • constraints on the use of registers • stack conventions • argument passing and result return The Thumb state register set is a subset of the ARM state set. The programmer has direct access to: • Eight general-purpose registers r0-r7 • Stack pointer, SP • Link register, LR (ARM r14) •PC • CPSR There are banked registers SPs, LRs and SPSRs for each privileged mode (for more details see the ARM9EJ-S Technical Reference Manual, ref. DDI0222B, revision r1p2 page 2-12). 11.3.7.1 Status Registers The ARM9EJ-S core contains one CPSR, and five SPSRs for exception handlers to use. The program status registers: • hold information about the most recently performed ALU operation • control the enabling and disabling of interrupts • set the processor operation mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |