Electronic Components Datasheet Search
  English  ▼

X  

TPIC2302 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPIC2302
Description  3-Channel Constant Current-SOURCE POWER DMOS ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2302 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC2302 Datasheet HTML 2Page - Texas Instruments TPIC2302 Datasheet HTML 3Page - Texas Instruments TPIC2302 Datasheet HTML 4Page - Texas Instruments TPIC2302 Datasheet HTML 5Page - Texas Instruments TPIC2302 Datasheet HTML 6Page - Texas Instruments TPIC2302 Datasheet HTML 7Page - Texas Instruments TPIC2302 Datasheet HTML 8Page - Texas Instruments TPIC2302 Datasheet HTML 9Page - Texas Instruments TPIC2302 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TPIC2302
3CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS028B − APRIL 1994 − REVISED SEPTEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251−1443
6
TYPICAL CHARACTERISTICS
0.1
1
0.01
0.1
1
10
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
VGS = 15 V
VGS = 10 V
ID − Drain Current − A
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
1
0
2
3
12
3
4
4
5
6
789
10
0
5
VDS − Drain-to-Source Voltage − V
15 V
nVGS = 0.2 V
Unless Otherwise
Noted
TJ = 25°C
VGS = 5 V
VGS = 3 V
VGS = 4 V
TJ = 25°C
10 V
Figure 7
Figure 8
0.15
0.05
0.4
0
0.3
0.2
0.35
gfs − Forward Transconductance − S
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
0.5
0.25
0.1
Total Number of Units = 639
2.5
2
1
0.5
0
4.5
1.5
0
1
2
3456
3.5
3
4
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
5
78
9
10
TJ = 125°C
TJ = − 40°C
TJ = 25°C
TJ = 75°C
TJ = 150°C
VGS − Gate-to-Source Voltage − V
TJ = 25°C
0.45
Figure 9
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com