Electronic Components Datasheet Search
  English  ▼

X  

TPIC2302 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC2302
Description  3-Channel Constant Current-SOURCE POWER DMOS ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2302 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC2302 Datasheet HTML 1Page - Texas Instruments TPIC2302 Datasheet HTML 2Page - Texas Instruments TPIC2302 Datasheet HTML 3Page - Texas Instruments TPIC2302 Datasheet HTML 4Page - Texas Instruments TPIC2302 Datasheet HTML 5Page - Texas Instruments TPIC2302 Datasheet HTML 6Page - Texas Instruments TPIC2302 Datasheet HTML 7Page - Texas Instruments TPIC2302 Datasheet HTML 8Page - Texas Instruments TPIC2302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TPIC2302
3CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS028B − APRIL 1994 − REVISED SEPTEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251−1443
Copyright
1995, Texas Instruments Incorporated
1
• Low r
DS(on) . . . 0.4 Ω Typ
• High-Voltage Outputs ...60 V
• Pulsed Current ...5 A Per Channel
• Fast Commutation Speed
description
The TPIC2302 is a monolithic power DMOS array that consists of three electrically isolated N-channel
enhancement-mode DMOS transistors configured with a common source and open drains. The TPIC2302 is
offered in a standard 8-pin small-outline surface-mount (D) package.
The TPIC2302 is characterized for operation over the case temperature range of − 40
°C to 125°C.
schematic
GATE1
DRAIN1
5
2
Q1
Q2
Q3
4
3
1
Z1
Z2
Z3
6, 7
SOURCE / GND
DRAIN2
DRAIN3
GATE2
GATE3
8
absolute maximum ratings over operating case temperature range (unless otherwise noted)†
Drain-to-source voltage, VDS
60 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate-to-source voltage, VGS
±20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous drain current, each output, all outputs on, TC = 25°C
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed drain current, each output, TC = 25°C (see Note 1 and Figure 6)
5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Single-pulse avalanche energy, TC = 25°C, EAS (see Figures 4 and 16)
9 mJ
. . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TC = 25°C
0.95 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Pulse duration = 10 ms, duty cycle = 2%
1
2
3
4
8
7
6
5
DRAIN1
GATE2
DRAIN2
DRAIN3
GATE1
SOURCE/GND
SOURCE/GND
GATE3
D PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPIC2302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301KV TI1-TPIC2301KV Datasheet
160Kb / 9P
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

Similar Description - TPIC2302

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
Constant current source
2001 May 07
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com