Electronic Components Datasheet Search
  English  ▼

X  

TPIC2302 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC2302
Description  3-Channel Constant Current-SOURCE POWER DMOS ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2302 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC2302 Datasheet HTML 3Page - Texas Instruments TPIC2302 Datasheet HTML 4Page - Texas Instruments TPIC2302 Datasheet HTML 5Page - Texas Instruments TPIC2302 Datasheet HTML 6Page - Texas Instruments TPIC2302 Datasheet HTML 7Page - Texas Instruments TPIC2302 Datasheet HTML 8Page - Texas Instruments TPIC2302 Datasheet HTML 9Page - Texas Instruments TPIC2302 Datasheet HTML 10Page - Texas Instruments TPIC2302 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TPIC2302
3CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS028B − APRIL 1994 − REVISED SEPTEMBER 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251−1443
7
TYPICAL CHARACTERISTICS
200
160
80
40
0
360
120
0
4
8
12162024
280
240
320
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
400
28
32
36
40
VDS − Drain-to-Source Voltage − V
f = 1 MHz
TJ = 25°C
Ciss(0) = 158 pF
Coss(0) = 400 pF
Crss(0) = 78 pF
Ciss
Coss
Crss
1
0.1
0.01
10
0.1
1
10
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
TJ = 150°C
TJ = 125°C
TJ = − 40°C
TJ = 25°C
TJ = 75°C
VSD − Source-to-Drain Voltage − V
Figure 11
Figure 12
6
4
2
0
0
0.5
1
1.5
2
2.5
3
10
12
DRAIN-TO-SOURCE VOLTAGE AND
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
14
3.5
8
30
20
10
0
50
60
70
40
ID = 0.5 A
TJ = 25°C
See Figure 3
VDD = 20 V
VDD = 30 V
VDD = 20 V
Qg − Gate Charge − nC
VDD = 48 V
75
50
25
0
0
100
200
100
125
150
300
400
500
600
IS = 0.5 A
TJ = 25°C
See Figure 1
Q1, Q2, and Q3
Reverse di/dt − A/
µs
REVERSE-RECOVERY TIME
vs
REVERSE di/dt
Figure 13
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com