Electronic Components Datasheet Search
  English  ▼

X  

L6377D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6377D
Description  0.5 A high-side driver quad intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6377D Datasheet HTML 4Page - STMicroelectronics L6377D Datasheet HTML 5Page - STMicroelectronics L6377D Datasheet HTML 6Page - STMicroelectronics L6377D Datasheet HTML 7Page - STMicroelectronics L6377D Datasheet HTML 8Page - STMicroelectronics L6377D Datasheet HTML 9Page - STMicroelectronics L6377D Datasheet HTML 10Page - STMicroelectronics L6377D Datasheet HTML 11Page - STMicroelectronics L6377D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Input section
L6377
8/16
4
Input section
An Input and Asynchronous RESET, both TTL/CMOS compatible with wide voltage range
and high noise immunity (thanks to a built in hysteresis) are available.
5
Over temperature protection (OVT)
An on-chip Over Temperature Protection provides an excellent protection of the device in
extreme conditions. Whenever the temperature - measured on a central portion of the chip-
exceeds Tmax =150 °C (typical value) the device is shut off, and the DIAG output goes LOW.
Normal operation is resumed as the chip temperature (normally after few seconds) falls
below Tmax-Thys = 130 °C (typical value). The hysteresis avoid thats an intermittent
behaviour take place.
6
Under voltage protection (UV)
The supply voltage is expected to range from 8 to 35 V. In this range the device operates
correctly. Below 8V the overall system has to be considered not reliable. To avoid any
misfunctioning the supply voltage is continuously monitored to provide an under voltage
protection. As Vs falls below Vsth-Vshys (typically 7.5 V, see fig. 4) the output power MOS is
switched off and DIAG output goes LOW. Normal operation is resumed as soon as Vs
exceeds Vsth. The hysteretic behaviour prevents intermittent operation at low supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com