Electronic Components Datasheet Search
  English  ▼

X  

L6377D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6377D
Description  0.5 A high-side driver quad intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377D Datasheet(HTML) 4 Page - STMicroelectronics

  L6377D Datasheet HTML 1Page - STMicroelectronics L6377D Datasheet HTML 2Page - STMicroelectronics L6377D Datasheet HTML 3Page - STMicroelectronics L6377D Datasheet HTML 4Page - STMicroelectronics L6377D Datasheet HTML 5Page - STMicroelectronics L6377D Datasheet HTML 6Page - STMicroelectronics L6377D Datasheet HTML 7Page - STMicroelectronics L6377D Datasheet HTML 8Page - STMicroelectronics L6377D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin connections
L6377
4/16
2
Pin connections
Figure 2.
Pin connections (top view)
Table 4.
Pin description
N#
Pin name
Function
1, 6, 7, 8,
9, 14
N.C.
Not connected
2
GND
Ground pin
3
OUT
High side output. Controlled output with current limitation
4
VS
Supply voltage. Range with under voltage monitoring
5
Rsc
Current limiting setting
10
ON DELAY Delay setting for overcurrent diagnostic
11
DIAG
Diagnostic open drain output for over temperature, under voltage and
overcurrent
12
IN+
Comparator non inverting input
13
RESET
Asynchronous reset input
N.C.
GND
OUT
VS
RSC
N.C.
N.C.
N.C.
ON DELAY
N.C.
DIAG
IN+
RESET
N.C.
1
3
2
4
5
6
7
12
11
10
9
8
13
14
D96IN368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com