Electronic Components Datasheet Search
  English  ▼

X  

L6377D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6377D
Description  0.5 A high-side driver quad intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6377D Datasheet HTML 5Page - STMicroelectronics L6377D Datasheet HTML 6Page - STMicroelectronics L6377D Datasheet HTML 7Page - STMicroelectronics L6377D Datasheet HTML 8Page - STMicroelectronics L6377D Datasheet HTML 9Page - STMicroelectronics L6377D Datasheet HTML 10Page - STMicroelectronics L6377D Datasheet HTML 11Page - STMicroelectronics L6377D Datasheet HTML 12Page - STMicroelectronics L6377D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
L6377
Over current operation
9/16
7
Over current operation
In order to implement a short circuit protection the output power MOS is driven in linear
mode to limit the output current to the Isc value. This Isc limit is externally settable by means
of an external 1/4 W resistor connected from Rsc pin and GND. The value of the resistor
must be chosen according to the following formula:
Isc (A) = 5/Rsc (kΩ)
with
5 < Rsc < 30 (kΩ)
For
Rsc < 5 (kΩ)
Isc is limited to Isc = 1.1 A (typical value).
This condition (current limited to the Isc value) lasts for a Ton time interval, that can be set
by means of a capacitor (CDON) connected to the ON DELAY pin according to the following
formula:
tON = 1.28 µs/pF
for
50 pF < CDON < 2 nF
After the ton interval has expired the output power MOS is switched off for the tOFF time
interval with:
tOFF = 64*tON.
Figure 5.
Short circuit operation waveforms
OUTPUT
CURRENT
tON
tON
tOFF
tOFF
Time
t<tON
DIAG
(active low)
Time
Short Circuit
Short Circuit
Isc
Iout
D94IN105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com