Electronic Components Datasheet Search
  English  ▼

X  

L6377D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6377D
Description  0.5 A high-side driver quad intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377D Datasheet(HTML) 5 Page - STMicroelectronics

  L6377D Datasheet HTML 1Page - STMicroelectronics L6377D Datasheet HTML 2Page - STMicroelectronics L6377D Datasheet HTML 3Page - STMicroelectronics L6377D Datasheet HTML 4Page - STMicroelectronics L6377D Datasheet HTML 5Page - STMicroelectronics L6377D Datasheet HTML 6Page - STMicroelectronics L6377D Datasheet HTML 7Page - STMicroelectronics L6377D Datasheet HTML 8Page - STMicroelectronics L6377D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
L6377
Electrical characteristics
5/16
3
Electrical characteristics
Table 5.
Electrical characteristcs
(Vs = 24 V; TJ = -25 to 125 °C; unless otherwise specified.)
Symbol Pin
Parameter
Test condition
Min
Typ
Max
Unit
DC operation
Vsmin
4
Supply voltage for valid
diagnostic
Idiag ≥ 0.5 mA;
Vdiag = 1.5 V;
435
V
Vs
Operative supply voltage
8
24
35
V
Vsth
Under voltage lower
threshold
78
V
Vshys
Under voltage hysteresis
300
500
700
mV
Iq
Quiescent current
Output open
800
µA
Iqo
Quiescent current
Output on
1.6
mA
Vith
12
Input threshold voltage
0.8
1.3
2
V
Viths
Input threshold hysteresis
50
400
mV
Vil
Input low level voltage
-7
0.8
V
Vih
Input high level voltage
Vs < 18 V
2
Vs-3
V
Vs > 18 V
2
15
V
Iib
Input bias current
Vi = -7 to 15 V
-250
250
µA
Vrth
13
Reset threshold voltage
0.8
1.3
2
V
Vrl
Reset low level voltage
0
0.8
V
Vrh
Reset high level voltage
2
40
V
Irb
Reset pull down current
5
µA
Idch
10
Delay capacitor charging
current
ON delay pin shorted to
Ground
2.5
µA
Vrsc
5
Output voltage on Rsc pin
Rsc pin floating
1.25
V
Irsc
Output current on Rsc pin
Rsc pin shorted to GND
300
µA
Idlkg
11
Diagnostic output leakage
current
Diagnostic off
25
µA
Vdiag
Diagnostic output voltage
drop
Idiag = 5 mA;
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com