Electronic Components Datasheet Search
  English  ▼

X  

HV9980 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9980
Description  3-Channel LED Array Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9980 Datasheet(HTML) 1 Page - Supertex, Inc

  HV9980 Datasheet HTML 1Page - Supertex, Inc HV9980 Datasheet HTML 2Page - Supertex, Inc HV9980 Datasheet HTML 3Page - Supertex, Inc HV9980 Datasheet HTML 4Page - Supertex, Inc HV9980 Datasheet HTML 5Page - Supertex, Inc HV9980 Datasheet HTML 6Page - Supertex, Inc HV9980 Datasheet HTML 7Page - Supertex, Inc HV9980 Datasheet HTML 8Page - Supertex, Inc HV9980 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HV9980
Features
Integrated 200V, 25Ω (typ.) MOSFETs
Programmable output current to 80mA per channel
TTL compatible PWM dimming inputs
3-Phase synchronous operation
Leading edge blanking
Short circuit protection with skip mode
Over-temperature protection
Applications
LCD panel backlighting
DLP RPTV or projector LED engine driver
RGB decorative lighting
General LED lighting
General Description
The HV9980 is a fully integrated 3-channel peak-current
PWM controller for driving buck converters in constant output
current mode. It is optimized for use with a large array of
20~80mA LED strings, where multiple HV9980 ICs are used
sharing a common clock and a common reference voltage.
Both the clock and the voltage reference are external to the
HV9980 for improved output current accuracy and uniform
►
►
►
►
►
►
►
►
►
►
►
illumination. The output currents are programmed by
controlling peak source current in each of the three internal
200V, 25Ω switching MOSFETs.
The peak current is detected by monitoring voltage at external
sense resistors connected to RSENSE1-3. The switching
MOSFET is turned off when the corresponding current sense
signal exceeds the reference voltage applied at REF1-3 (in
the case of normal output signal polarity). Beginning of the
next switching cycle is determined by the external clock
signal received at the CLK input. All three channels operate
at a switching frequency of 1/6 of the external clock frequency
and positioned 120º out-of-phase for the purpose of input and
output ripple current reduction. Each channel is protected
from an output short circuit condition. When an over-current
condition is detected in the output switch (RSENSE1-3),
the corresponding channel shuts down for 200us. HV9980
recovers automatically, when the short circuit condition is
removed. Each current sense input (CS1-CS3) is equipped
with a leading edge blanking delay to prevent false triggering
of the current sense comparators due to circuit parasitics.
Over-temperature protection is included to prevent
destructive failures due to over-heating. Programmable
slope compensation is available at each CS input. AGND and
PGND1-3 must be tied together on the printed circuit board.
VDD1-3 must be also connected together on the PCB.
3-Channel LED Array Driver IC
Typical Application Circuit
C
IN
D1
L1
C1
4
HV9980WG
U1
21
D2
L2
C2
17
D3
L3
C3
16
20
18
R
SENSE2
19
8
2
2
C
DD2
24
22
R
SENSE1
23
2
1
1
C
DD1
13
15
R
SENSE3
14
11
3
3
C
DD3
9
12
1
7
10
3
6
5
AGND
PWMD1
PWMD2
PWMD3
REF1
REF2
REF3
CLOCK
POL
+V
IN
3
1
2
C
REF1
C
REF2
C
REF3
R
REF1
R
REF2
R
REF3
+8V


Similar Part No. - HV9980

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
HV9982 MICROCHIP-HV9982 Datasheet
1Mb / 20P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
January 2026
logo
Supertex, Inc
HV9982K6-G SUTEX-HV9982K6-G Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982K6-G MICROCHIP-HV9982K6-G Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
More results

Similar Description - HV9980

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
logo
SHENZHEN FUMAN ELECTRON...
SC6803Q FUMAN-SC6803Q Datasheet
245Kb / 9P
LED driver IC
logo
Princeton Technology Co...
PT6967 PTC-PT6967 Datasheet
1Mb / 6P
LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com