Electronic Components Datasheet Search
  English  ▼

X  

HV9980 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9980
Description  3-Channel LED Array Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9980 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9980 Datasheet HTML 1Page - Supertex, Inc HV9980 Datasheet HTML 2Page - Supertex, Inc HV9980 Datasheet HTML 3Page - Supertex, Inc HV9980 Datasheet HTML 4Page - Supertex, Inc HV9980 Datasheet HTML 5Page - Supertex, Inc HV9980 Datasheet HTML 6Page - Supertex, Inc HV9980 Datasheet HTML 7Page - Supertex, Inc HV9980 Datasheet HTML 8Page - Supertex, Inc HV9980 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HV9980
Ordering Information
Device
Package Option
24-Lead SOW
15.40x7.50 body
2.65mm height (max)
1.27mm pitch
HV9980
HV9980WG-G
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.3V to +10V
Drain1-3 outputs
-0.3V to +200V
CS1-3 inputs
-0.3V to +5.0V
Other inputs and outputs
-0.3V to V
DD
Supply current, I
DD
+10mA
Power dissipation (T
A = +25°C)
1300mW
Thermal impedance (θ
JA)
60OC/W
Operating ambient temperature range
-40°C to +85°C
Operating junction temperature range
-40°C to +125°C1
-40°C to +150°C2
Storage temperature range
-65°C to +150°C
Sym
Parameter
Min
Typ
Max Units Conditions
Supply Input (VDD1 - VDD3)
V
DD(UVLO)
V
DD undervoltage threshold
*
-
-
5.3
V
VDD falling
∆
V
DD(UVLO)
V
DD undervoltage hysteresis
-
-
500
-
mV
---
I
DD
Operating supply current
*
-
-
3.0
mA
Total of VDD1 - VDD3
High Voltage Switches (DRAIN1 - RSENSE1, DRAIN2 - RSENSE2, DRAIN3 - RSENSE3)
V
BR
Breakdown voltage
*
210
-
-
V
---
R
ON
On-resistance
-
-
25
45
Ω
I
DRAIN = 50mA, VRSENSE = 0V
I
SAT
DRAIN saturation current
*
200
-
-
mA
V
DRAIN = 120V, VRSENSE = 1.3V
* Denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +85°C.
Electrical Characteristics (The specifications are at T
A = 25°C and VDD = 8.0V, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only, and functional operation of the device
at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. All voltages referenced to ground.
Notes:
Operation out of this range will not guarantee electrical characteristics
described in this datasheet.
Operation out of this range will be destructive to the IC.
1.
2.
Pin Configuration
REF1
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
11
12
14
13
VDD1
CLK
PWMD1
AGND
POL
REF2
VDD2
PWMD2
REF3
VDD3
PWMD3
PGND1
CS1
RSENSE1
DRAIN1
PGND2
CS2
RSENSE2
DRAIN2
DRAIN3
RSENSE3
CS3
PGND3
24-Lead SOW
(top view)
-G indicates package is RoHS compliant (‘Green’)
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV9980WG
LLLLLLLLLL
CCCCCCCCCCC
AAA
24-Lead SOW (WG)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com