Electronic Components Datasheet Search
  English  ▼

X  

HV9980 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9980
Description  3-Channel LED Array Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9980 Datasheet(HTML) 3 Page - Supertex, Inc

  HV9980 Datasheet HTML 1Page - Supertex, Inc HV9980 Datasheet HTML 2Page - Supertex, Inc HV9980 Datasheet HTML 3Page - Supertex, Inc HV9980 Datasheet HTML 4Page - Supertex, Inc HV9980 Datasheet HTML 5Page - Supertex, Inc HV9980 Datasheet HTML 6Page - Supertex, Inc HV9980 Datasheet HTML 7Page - Supertex, Inc HV9980 Datasheet HTML 8Page - Supertex, Inc HV9980 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
HV9980
Electrical Characteristics (cont.) (The specifications are at T
A = 25°C and VDD = 8.0V, unless otherwise noted.)
Sym
Parameter
Min
Typ
Max Units Conditions
Current Sense Comparators (CS1 - REF1, CS2 - REF2, CS3 - REF3)
V
CS(LIM)
Short circuit protection threshold *
1.0
-
1.3
V
---
T
SKIP
Short circuit recovery delay
-
-
200
-
µs
---
T
BLANK
Leading edge blanking delay
-
120
-
220
ns
---
V
OS
Input offset voltage
*
-7.0
-
7.0
mV
---
T
DELAY
Propagation delay CS-to-DRAIN *
-
-
150
ns
V
CS - VREF = 50mV
T
DELAY(LIM)
Shutdown delay CS-to-DRAIN
*
-
-
0.5
µs
V
CS = VCS(LIM) + 100mV, VREF > VCS(LIM)
Oscillator Input and Frequency Divider (CLK)
F
SW(max)
Maximum switching frequency
*
500
-
-
kHz
f
CLK = 3.0MHz
K
SW
Frequency divider ratio
-
-
6
-
-
Guaranteed by design
φ
2
DRAIN1-DRAIN2 phase delay
-
-
120
-
deg
Guaranteed by design
φ
3
DRAIN1-DRAIN3 phase delay
-
-
240
-
deg
Guaranteed by design
T
OFF
CLK high time
-
50
-
-
ns
---
T
ON
CLK low time
-
50
-
-
ns
---
V
CLK,HI
CLK Input high
*
2.0
-
-
V
---
V
CLK,LO
CLK Input low
*
-
-
0.8
V
---
PWM Dimming (PWMD1, PWMD2, PWMD3)
V
PWMD,HI
PWMD Input high
*
2.0
-
-
V
---
V
PWMD,LO
PWMD Input low
*
-
-
0.8
V
---
R
PWMD
PWMD Pull down resistance
-
100
200
300
kΩ
PWMD = 5.0V
Over Temperature Protection
T
OT
Over temperature trip limit
-
125
140
-
°C
Guaranteed by design
T
HYST
Temperature hysteresis
-
-
60
-
°C
Guaranteed by design
* Denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com