Electronic Components Datasheet Search
  English  ▼

X  

HV9980 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9980
Description  3-Channel LED Array Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9980 Datasheet(HTML) 5 Page - Supertex, Inc

  HV9980 Datasheet HTML 1Page - Supertex, Inc HV9980 Datasheet HTML 2Page - Supertex, Inc HV9980 Datasheet HTML 3Page - Supertex, Inc HV9980 Datasheet HTML 4Page - Supertex, Inc HV9980 Datasheet HTML 5Page - Supertex, Inc HV9980 Datasheet HTML 6Page - Supertex, Inc HV9980 Datasheet HTML 7Page - Supertex, Inc HV9980 Datasheet HTML 8Page - Supertex, Inc HV9980 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
HV9980
Typical Performance Characteristics (cont.) (T
J = 25
O
C unless otherwise noted)
720
725
730
735
740
-40
-15
10
35
60
85
110
Junction Temperature (°C)
Short Circuit Threshold Voltage
(V
CS(LIM) vs. TJ at VDD = 8.0 or 9.0V)
Leading Edge Blanking Delay
(T
BLANK vs. TJ at VDD = 8.0 or 9.0V)
100.0
130.0
160.0
190.0
220.0
250.0
280.0
-40
-15
10
35
60
85
110
Junction Temperature (°C)
150.0
170.0
190.0
210.0
230.0
250.0
-40
-15
10
35
60
85
110
Junction Temperature (°C)
Short Circuit Protection Delay
(T
DELAY(LIM) vs. TJ at VDD = 8.0 or 9.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com