Electronic Components Datasheet Search
  English  ▼

X  

EMIF09-SD01F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF09-SD01F3
Description  9-line IPAD, EMI filter and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF09-SD01F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF09-SD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 6Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 7Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 8Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2008
Rev 4
1/9
EMIF09-SD01F3
9-line IPAD™, EMI filter and ESD protection
Features
■ 9-line EMI low-pass filter and ESD protection
■ High efficiency in EMI filtering
■ Lead-free package
■ 400 µm pitch
■ Very low PCB space occupation: < 4 mm2
■ Very thin package: 0.6 mm
■ High reliability offered by monolithic integration
■ Reduction of parasitic elements thanks to CSP
integration
Complies with the following standards
■ IEC61000-4-2 level 4 on external pins:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC61000-4-2 level 2 on internal pins:
– 2 kV (air discharge)
– 2 kV (contact discharge)
■ MIL STD 883F - Method 3015.7 Class 3
Application
■ Secure digital memory card in mobile phones
and communication systems
Description
The EMIF09-SD01F3 is a highly integrated array
designed to suppress EMI/RFI noise for secure
digital memory cards. The EMIF09-SD01F3 is in
a Flip Chip package to offer space saving and
high RF performance.
This low-pass filter includes ESD protection
circuitry, which prevents damage to the protected
device when subjected to ESD surges up 15 kV.
This filter also has a low line capacitance to be
compatible with high data rate signals.
Figure 1.
Pin layout (bump side)
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
24 bumps
A
B
C
D
E
1
2
3
4
5
www.st.com


Similar Part No. - EMIF09-SD01F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3 Datasheet
413Kb / 8P
9 line EMI filter and ESD protection
09-Feb-2006
More results

Similar Description - EMIF09-SD01F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
Single line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF04-EAR01F2 STMICROELECTRONICS-EMIF04-EAR01F2 Datasheet
192Kb / 7P
4-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3 Datasheet
335Kb / 7P
10-line IPAD, EMI filter and ESD protection
14-Apr-2008
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
6-line IPAD?? EMI filter and ESD protection
21-Nov-2008
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3_11 Datasheet
157Kb / 8P
Single line IPAD?? EMI filter and ESD protection
26-May-2011
EMIF01-TV02F3 STMICROELECTRONICS-EMIF01-TV02F3 Datasheet
170Kb / 7P
Single line IPAD?? EMI filter and ESD protection
06-Oct-2010
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
6-line IPAD?? EMI filter and ESD protection
29-Mar-2010
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com